Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  DTM13-12PA-12PB-R008 Datasheet HTML 1Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 2Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 3Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A
STEP
AHEAD
51
Printed Circuit Board Connectors
Materials
Housing: Thermoplastic
Grommet: Silicone elastomer
Receptacle Threaded Insert: Steel
Contacts: Molded-in copper alloy,
tin plated solder pot standard (gold
optional - see modifications)
Mating Plugs
24 Pin: DRC16-24S*
40 Pin: DRC16-40S
Modifications
A004: Tin plated PCB pins
AG02: Some terminals are gold
plated
Materials
Housing: Thermoplastic
Receptacle Threaded Insert: Steel/
Brass
Contacts: Molded-in copper alloy, tin
plated PCB pins standard (gold optional
- see modifications)
Mounting Seal: Silicone
Mating Plugs
24 Pin: DRC16-24S*
40 Pin: DRC18-40S*
70 Pin: DRC16-70S*
Modifications
C023: 5mm2 threaded insert
mounting holes
G002: Only outside terminal rows
are gold plated
N012: One piece connector design
 DRC10 Series Straight
DRC10-40P*
40 size 16
DRC10-24P*
24 size 16
 DRC13 Series 90°
DRC13-40P*
40 size 16
DRC13-24P*
24 size 16
DRC13-70P*
70 size 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com