Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button DTM13-12PA-12PB-R008 Datasheet HTML 2Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 3Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
A
STEP
AHEAD
54
Printed Circuit Board Connectors
DT* 13 - 6 P * - XXXX
Series
F = DTF Series
MF = DTMF Series
Style
13 = 90° pins
15 = Straight pins
Configuration
Special Modifications
Key
A, B, C, or D (if applicable)
Contacts
P = Pin
S = Socket
 Flangeless Part Numbering System
 DTF13 Series Flangeless 90°
DTF13-12P*
12 size 16
A, B, C, D
DTF13-6P
6 size 16
DTF13-2P
2 size 16
DTF13-3P
3 size 16
DTF13-4P
4 size 16
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy, tin
plated (gold optional - consult factory)
Mating Plugs
2 Pin: DT06-2S
3 Pin: DT06-3S
4 Pin: DT06-4S
6 Pin: DT06-6S
12 Pin: DT06-12S*
Modifications
G003: Gold plated pins
 DTF15 Series Flangeless Straight
DTF15-12P*
12 size 16
A, B, C, D
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy, tin
plated (gold optional - consult factory)
Mating Plugs
12 Pin: DT06-12S*
Modifications
G003: Gold plated pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com