Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 10Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 11Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
A
STEP
AHEAD
58
Printed Circuit Board Connectors
Electronic Module Design Recommendations
Deutsch connectors are designed to handle all environmental conditions typically seen on heavy duty equipment. Design
considerations have been given for temperature, vibration, and high current levels to exist simultaneously in a connector
with no performance degradation.
Applications with data input/output signals of 0 to 5 volts require special consideration in the terminal selection. The pri-
mary concern is ensuring the low voltage signal is carried through the circuit. To minimize signal degradation, select a gold
plated terminal. Gold is a better plating choice for 0 to 5 volt applications because it does not oxidize and easily conducts
lower voltage signals. Nickel and tin platings are not designed for voltage levels less than 5 volts. Terminals plated with
nickel and tin will over time form a layer of oxidation on the surface of the plating that only higher voltage signals are able
to break through. The small additional cost for the gold terminal can dramatically improve the reliability of the electronic
system.
 Low Voltage Circuits
 Air Tight Connections
In some applications, it is important to prevent air from
penetrating electronic enclosures. Air can bring in water
vapor and create condensation on the printed circuit
board. To prevent this from happening, potting or a light
conformal coating can be applied to the board.
Another method for protecting against air penetration
is to seal the enclosure after it is assembled and tested.
One drawback to consider is accommodating the con-
nector interface. The flange seal prevents air penetra-
tion at the flange, but there is still a possibility for air to
enter through the pin terminal area. Deutsch has several
designs that offer a seal around the terminal. This can
prevent any air penetration through the connector up to
a 5 p.s.i. pressure differential. Consult a Deutsch repre-
sentative for additional assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com