Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM13-12PA-12PB-R008 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # DTM13-12PA-12PB-R008
Description  Printed Circuit Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTM13-12PA-12PB-R008 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button DTM13-12PA-12PB-R008 Datasheet HTML 3Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 4Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 5Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 6Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 7Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 8Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 9Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 10Page - TE Connectivity Ltd DTM13-12PA-12PB-R008 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
A
STEP
AHEAD
55
Printed Circuit Board Connectors
 HD10 Series Straight
F
B
A
C
E
D
HD10-6-96P-N005
6 size 16
A
D
E
B
J
H
G
C
F
HD10-9-96P-N005
9 size 16
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy,
nickel plated
Mounting Seal: Standard O-rings may
be used
Mating Plugs
6 Pin: HD16-6-96S
9 Pin: HD16-9-96S
Modifications
N005: Straight reduced diameter pins
supplied as standard
 DTMF15 Series Miniature Straight
DTMF15-48P
(4)12 size 20
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy, tin
plated (gold optional - consult factory)
Mating Plugs
12 Pin: (4) DTM06-12S*
Modifications
B026: Alternate keying position
Materials
Housing: Thermoplastic
Contacts: Molded-in copper alloy, tin
plated (gold optional - consult factory)
Mounting Seal: Silicone rubber
Mating Plugs
32 Pin: SRK06-MD*-32A-***
SRK1*-MD*-32A-001-****
4 - Size 16
28 - Size 20
 STRIKE13/15 Series 90° or Straight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com