Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 3Page - STMicroelectronics M41T00CAP Datasheet HTML 4Page - STMicroelectronics M41T00CAP Datasheet HTML 5Page - STMicroelectronics M41T00CAP Datasheet HTML 6Page - STMicroelectronics M41T00CAP Datasheet HTML 7Page - STMicroelectronics M41T00CAP Datasheet HTML 8Page - STMicroelectronics M41T00CAP Datasheet HTML 9Page - STMicroelectronics M41T00CAP Datasheet HTML 10Page - STMicroelectronics M41T00CAP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
M41T00CAP
Operation
2
Operation
The M41T00CAP clock operates as a slave device on the I
2C serial bus. Access is
obtained by implementing a start condition followed by the correct slave address (D0h).
The 8 bytes contained in the device can then be accessed sequentially in the following
order:
1.
Seconds register
2.
Minutes register
3.
Century/hours register
4.
Day register
5.
Date register
6.
Month register
7.
Year register
8.
Calibration register
The M41T00CAP clock continually monitors VCC for an out-of-tolerance condition. Should
VCC fall below VPFD, the device terminates an access in progress and resets the device
address counter. Inputs to the device will not be recognized at this time to prevent
erroneous data from being written to the device from a an out-of-tolerance system. Once
VCC falls below the switchover voltage (VSO), the device automatically switches over to the
battery and powers down into an ultra-low current mode of operation to prolong battery life.
If VBAT is less than VPFD, the device power is switched from VCC to VBAT when VCC drops
below VBAT. If VBAT is greater than VPFD, the device power is switched from VCC to VBAT
when VCC drops below VPFD. Upon power-up, the device switches from battery to VCC at
VSO. When VCC rises above VPFD, the inputs will be recognized.
For more information on battery storage life refer to application note AN1012.
2.1
Wire bus characteristics
The bus is intended for communication between different ICs. It consists of two lines: a
bidirectional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must
be connected to a positive supply voltage via a pull-up resistor.
The following protocol has been defined:
•
Data transfer may be initiated only when the bus is not busy.
•
During data transfer, the data line must remain stable whenever the clock line is high.
•
Changes in the data line, while the clock line is high, will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
2.2
Bus not busy
Both data and clock lines remain high.
2.3
Start data transfer
A change in the state of the data line, from high to low, while the clock is high, defines the
START condition.
2.4
Stop data transfer
A change in the state of the data line, from low to high, while the clock is high, defines the
STOP condition.
DocID014557 Rev 6
7/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com