Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 1 Page - STMicroelectronics

  M41T00CAP Datasheet HTML 1Page - STMicroelectronics M41T00CAP Datasheet HTML 2Page - STMicroelectronics M41T00CAP Datasheet HTML 3Page - STMicroelectronics M41T00CAP Datasheet HTML 4Page - STMicroelectronics M41T00CAP Datasheet HTML 5Page - STMicroelectronics M41T00CAP Datasheet HTML 6Page - STMicroelectronics M41T00CAP Datasheet HTML 7Page - STMicroelectronics M41T00CAP Datasheet HTML 8Page - STMicroelectronics M41T00CAP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
M41T00CAP
Serial access real-time clock (RTC) with integral backup battery
and crystal
Datasheet - production data
Features
•
Real-time clock (RTC) with backup battery
integrated into package
•
Uses M41T00S enhanced RTC with
precision switchover reference
•
400 kHz I
2C serial interface
•
Automatic switchover and deselect circuitry
with fixed reference voltage
−
VCC = 2.7 to 5.5 V operating voltage
range
−
2.6 V (typ) power-fail deselect
(switchover) threshold
•
Counters for seconds, minutes, hours, day,
date, month, year and century
•
Software clock calibration
•
Low operating current of 300 µA
•
Oscillator stop detection
•
Battery backup
•
Operating temperature of 0 to 70 °C
•
Self-contained battery and crystal in
CAPHAT™ DIP package
•
RoHS compliant
−
Lead-free second level interconnect
Description
The M41T00CAP is a low-power serial real-time
clock (RTC) with integral battery and crystal in
ST’s 24-pin CAPHAT™ package. It includes a
crystal controlled, 32.768 kHz oscillator and has
a built-in power sense circuit which detects power
failures and automatically switches to the backup
battery when a power failure occurs.
Eight registers comprise the clock/calendar
function and are configured in binary-coded
decimal (BCD) format. Addresses and data are
transferred serially via an industry standard, two
line, 400 kHz, bidirectional I
2C interface. The
built-in address register is incremented
automatically after each WRITE or READ data
byte. The internal lithium coin cell contains ample
energy to sustain timekeeping operation for 10
years in the absence of system power. The eight
clock address locations contain the century, year,
month, date, day, hour, minute, and second in
24-hour BCD format. Corrections for the number
of days in a month, including leap year, are made
automatically (leap year valid up to year 2100).
24
1
PCDIP24
Battery/Crystal CAPHAT™
October 2014
DocID014557 Rev 6
1/24
This is information on a product in full production.
www.st.com


Similar Part No. - M41T00CAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
Serial access real-time clock (RTC) with integral backup battery and crystal
22-Mar-2012
More results

Similar Description - M41T00CAP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
STMicroelectronics
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
Serial access real-time clock (RTC) with integral backup battery and crystal
22-Mar-2012
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
logo
ATMEL Corporation
AT73C224-A ATMEL-AT73C224-A_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-B ATMEL-AT73C224-B_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-C ATMEL-AT73C224-C_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-D ATMEL-AT73C224-D_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-F ATMEL-AT73C224-F_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-H ATMEL-AT73C224-H_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com