Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 13Page - STMicroelectronics M41T00CAP Datasheet HTML 14Page - STMicroelectronics M41T00CAP Datasheet HTML 15Page - STMicroelectronics M41T00CAP Datasheet HTML 16Page - STMicroelectronics M41T00CAP Datasheet HTML 17Page - STMicroelectronics M41T00CAP Datasheet HTML 18Page - STMicroelectronics M41T00CAP Datasheet HTML 19Page - STMicroelectronics M41T00CAP Datasheet HTML 20Page - STMicroelectronics M41T00CAP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
M41T00CAP
DC and AC parameters
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC
and AC characteristics of the device. The parameters in the following DC and AC
characteristic tables are derived from tests performed under the measurement conditions
listed in Table 5: "Operating and AC measurement conditions". Designers should check
that the operating conditions in their projects match the measurement conditions when
using the quoted parameters.
Table 5: Operating and AC measurement conditions
Parameter
M41T00CAP
Supply voltage (VCC)
2.7 to 5.5 V
Ambient operating temperature (TA)
0 to 70 °C
Load capacitance (CL)
100 pF
Input rise and fall times
≤ 5 ns
Input pulse voltages
0.2 VCC to 0.8 VCC
Input and output timing ref. voltages
0.3 VCC to 0.7 VCC
Output Hi-Z is defined as the point where data is no longer driven.
Figure 12: AC measurement I/O waveform
Table 6: Capacitance
Symbol
Parameter
(1)(2)
Min
Max
Unit
CIN
Input capacitance
-
7
pF
COUT
(3)
Output capacitance
-
10
pF
tLP
Low-pass filter input time constant (SDA and SCL)
-
50
ns
Notes:
(1)
At 25 °C, f = 1 MHz.
(2)
Effective capacitance measured with power supply at 5 V; sampled only, not 100% tested.
(3)
Outputs deselected.
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
DocID014557 Rev 6
17/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com