Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 10Page - STMicroelectronics M41T00CAP Datasheet HTML 11Page - STMicroelectronics M41T00CAP Datasheet HTML 12Page - STMicroelectronics M41T00CAP Datasheet HTML 13Page - STMicroelectronics M41T00CAP Datasheet HTML 14Page - STMicroelectronics M41T00CAP Datasheet HTML 15Page - STMicroelectronics M41T00CAP Datasheet HTML 16Page - STMicroelectronics M41T00CAP Datasheet HTML 17Page - STMicroelectronics M41T00CAP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Clock operation
M41T00CAP
requires a pull-up resistor to VCC for proper operation. A 500-10 kW resistor is
recommended in order to control the rise time. The FT bit is cleared on power-down.
Figure 10: Crystal acccuracy across temperature
Figure 11: Clock calibration
3.3
Century bit
Bits D7 and D6 of clock register 02h contain the century enable bit (CEB) and the century
bit (CB). Setting CEB to a '1' will cause CB to toggle, either from a '0' to '1' or from '1' to '0'
at the turn of the century (depending upon its initial state). If CEB is set to a '0,' CB will not
toggle.
AI07888
–160
0
10
20
30
40
50
60
70
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C2 ± 0.006 ppm/°C2
K
∆F = K x(T –T
O)
2
F
T
O = 25°C ± 5°C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION
14/24
DocID014557 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com