Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 7Page - STMicroelectronics M41T00CAP Datasheet HTML 8Page - STMicroelectronics M41T00CAP Datasheet HTML 9Page - STMicroelectronics M41T00CAP Datasheet HTML 10Page - STMicroelectronics M41T00CAP Datasheet HTML 11Page - STMicroelectronics M41T00CAP Datasheet HTML 12Page - STMicroelectronics M41T00CAP Datasheet HTML 13Page - STMicroelectronics M41T00CAP Datasheet HTML 14Page - STMicroelectronics M41T00CAP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
M41T00CAP
Operation
2.9
WRITE mode
In this mode the master transmitter transmits to the M41T00CAP slave receiver. Bus
protocol is shown in Figure 9: "WRITE mode sequence". Following the START condition
and slave address, a logic '0' (R/W=0) is placed on the bus and indicates to the addressed
device that word address “An” will follow and is to be written to the on-chip address pointer.
The data word to be written to the memory is strobed in next and the internal address
pointer is incremented to the next address location on the reception of an acknowledge
clock. The device slave receiver will send an acknowledge clock to the master transmitter
after it has received the slave address and again after it has received the word address and
after each data byte.
Figure 9: WRITE mode sequence
2.10
Data retention mode
With valid VCC applied, the M41T00CAP can be accessed as described above with READ
or WRITE cycles. Should the supply voltage decay, the power input will be switched from
the VCC pin to the battery when VCC falls below the battery backup switchover voltage (VSO).
At this time the clock registers will be maintained by the internal battery supply. On power-
up, when VCC returns to a nominal value, write protection continues for tREC after VCC rises
above VSO .
AI00591
BUSACTIVITY:
S
P
SDA LINE
BUSACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS(An)
SLAVE
ADDRESS
DocID014557 Rev 6
11/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com