Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 15Page - STMicroelectronics M41T00CAP Datasheet HTML 16Page - STMicroelectronics M41T00CAP Datasheet HTML 17Page - STMicroelectronics M41T00CAP Datasheet HTML 18Page - STMicroelectronics M41T00CAP Datasheet HTML 19Page - STMicroelectronics M41T00CAP Datasheet HTML 20Page - STMicroelectronics M41T00CAP Datasheet HTML 21Page - STMicroelectronics M41T00CAP Datasheet HTML 22Page - STMicroelectronics M41T00CAP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
M41T00CAP
DC and AC parameters
Table 9: Power down/up trip points DC characteristics
Sym
Parameter
(1)(2)
Min
Typ
Max
Unit
VPFD
Power-fail deselect
2.5
2.6
2.7
V
Hysteresis
25
mV
VSO
Battery backup switchover voltage
VBAT < VPFD
VBAT
V
VBAT > VPFD
VPFD
V
Hysteresis
40
mV
tDR
(3)
Expected data retention time
10
Years
Notes:
(1)
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.7 to 5.5 V (except where noted).
(2)
All voltages referenced to VSS.
(3)
TA = 25°C, VCC = 0 V, oscillator on.
Figure 14: Bus timing requirements sequence
Table 10: AC characteristics
Sym
Parameter
(1)
Min
Typ
Max
Units
fSCL
SCL clock frequency
0
-
400
kHz
tLOW
Clock low period
1.3
-
µs
tHIGH
Clock high period
600
-
ns
tR
SDA and SCL rise time
-
300
ns
tF
SDA and SCL fall time
-
300
ns
tHD:STA
START condition hold time
(after this period the first clock pulse is
generated)
600
-
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
-
ns
tSU:DAT
(2)
Data setup time
100
-
ns
tHD:DAT
Data hold time
0
-
µs
tSU:STO
STOP condition setup time
600
-
ns
tBUF
Time the bus must be free before a new
transmission can start
1.3
-
µs
Notes:
(1)
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 2.7 to 5.5 V (except where noted).
(2)
Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling edge of SCL.
AI00589
S DA
P
tSU:S TO
tSU:S TA
tHD:S TA
Sr
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:S TA
tBUF
S
P
DocID014557 Rev 6
19/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com