Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 12Page - STMicroelectronics M41T00CAP Datasheet HTML 13Page - STMicroelectronics M41T00CAP Datasheet HTML 14Page - STMicroelectronics M41T00CAP Datasheet HTML 15Page - STMicroelectronics M41T00CAP Datasheet HTML 16Page - STMicroelectronics M41T00CAP Datasheet HTML 17Page - STMicroelectronics M41T00CAP Datasheet HTML 18Page - STMicroelectronics M41T00CAP Datasheet HTML 19Page - STMicroelectronics M41T00CAP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Maximum ratings
M41T00CAP
4
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 4: Absolute maximum ratings
Sym
Parameter
Value
Unit
TSTG
Storage temperature (VCC off, oscillator off)
–55 to 125
°C
VCC
Supply voltage
–0.3 to 7
V
TSLD
(1)(2)
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltages
–0.3 to VCC +0.3
V
IO
Output current
20
mA
PD
Power dissipation
1
W
Notes:
(1)
For DIP packaged devices, ultrasonic vibrations should not be used for post-solder cleaning to avoid
damaging the crystal.
(2)
Soldering temperature of the IC leads is to not exceed 260 °C for 10 seconds. In order to protect the lithium
battery, preheat temperatures must be limited such that the battery temperature does not exceed +85 °C.
Furthermore, the devices shall not be exposed to IR reflow.
Negative undershoots below –0.3 volts are not allowed on any pin while in the
battery backup mode.
16/24
DocID014557 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com