Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00CAP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T00CAP
Description  Serial access real-time clock (RTC) with integral backup battery and crystal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00CAP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T00CAP Datasheet HTML 14Page - STMicroelectronics M41T00CAP Datasheet HTML 15Page - STMicroelectronics M41T00CAP Datasheet HTML 16Page - STMicroelectronics M41T00CAP Datasheet HTML 17Page - STMicroelectronics M41T00CAP Datasheet HTML 18Page - STMicroelectronics M41T00CAP Datasheet HTML 19Page - STMicroelectronics M41T00CAP Datasheet HTML 20Page - STMicroelectronics M41T00CAP Datasheet HTML 21Page - STMicroelectronics M41T00CAP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DC and AC parameters
M41T00CAP
Table 7: DC characteristics
Sym
Parameter
Test condition
(1)
Min
Typ
Max
Uni
t
ILI
Input leakage current
0 V ≤ VIN ≤ VCC
-
±1
µA
ILO
Output leakage current
0 V ≤ VOUT ≤ VCC
-
±1
µA
ICC1
Supply current
Switch freq = 400
kHz
-
300
µA
ICC2
Supply current (standby)
SCL = 0 Hz
All inputs
≥ VCC – 0.2 V
≤ VSS + 0.2 V
-
70
µA
VIL
Input low voltage
–0.3
-
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
-
VCC + 0.3
V
VOL
Output low voltage
IOL = 3.0 mA
-
0.4
V
Output low voltage
(2)
(open drain)
IOL = 10 mA
-
0.4
V
Pull-up supply voltage
(open drain)
(2)
-
5.5
V
Notes:
(1)
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 2.7 to 5.5 V (except where noted).
(2)
For FT/OUT pin (open drain).
Figure 13: Power-down/up mode AC waveforms
Table 8: Power down/up AC characteristics
Symbol
Parameter
(1)(2)
Min
Typ
Max
Unit
tPD
SCL and SDA at VIH before power down
0
-
-
nS
trec
SCL and SDA at VIH after power up
10
-
-
µS
Notes:
(1)
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 2.7 to 5.5 V (except where noted).
(2)
VCC fall time should not exceed 5 mV/µs.
AI00596
VCC
tREC
tPD
VSO
SDA
SCL
DON'T CARE
18/24
DocID014557 Rev 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com