Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV716/P Datasheet HTML 10Page - Texas Instruments TLV716/P Datasheet HTML 11Page - Texas Instruments TLV716/P Datasheet HTML 12Page - Texas Instruments TLV716/P Datasheet HTML 13Page - Texas Instruments TLV716/P Datasheet HTML 14Page - Texas Instruments TLV716/P Datasheet HTML 15Page - Texas Instruments TLV716/P Datasheet HTML 16Page - Texas Instruments TLV716/P Datasheet HTML 17Page - Texas Instruments TLV716/P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1
2
3
6
5
4
GND PLANE
COUT1
OUT2
IN
EN2
VIN
TLV716
OUT1
GND
GND PLANE
EN1
VOUT1
CIN
VOUT2
COUT2
TLV716, TLV716P
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
www.ti.com
10 Layout
10.1 Layout Guidelines
If used, place the input and output capacitors as close to the device pins as possible. To maximize AC
performance refer to Figure 27.
10.2 Layout Example
Figure 27. Layout Recommendation
10.3 Thermal Considerations
Thermal protection disables the output when the junction temperature rises to approximately 158°C, allowing the
device to cool. When the junction temperature cools to approximately 140°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage as a
result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature should be limited to 125°C maximum. To estimate the
margin of safety in a complete design, increase the ambient temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. The ambient temperature at which thermal shutdown occurs on the
device is 33°C higher (158°C - 125°C) than the maximum recommended operating conditions.
The internal protection circuitry of the TLV716 and TLV716P is designed to protect against overload conditions.
This circuitry is not intended to replace proper PCB layout and heatsinking. Continuously running the device into
thermal shutdown degrades reliability.
10.4 Power Dissipation
The ability to remove heat from a die is different for each package type, presenting different considerations in the
printed-circuit-board (PCB) layout. The copper PCB area around the device that is free of other components
moves the heat from the device to ambient air. Performance data for JEDEC high-K boards are given in the
Thermal Information table. Using heavier copper increases effectiveness in removing heat from the device.
Power dissipation (PD) is equal to the product of the output current and the voltage drop across both output pass
elements, as shown in Equation 1:
PD = (VIN – VOUT1) × IOUT1 + (VIN – VOUT2) × IOUT2
(1)
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com