Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV716/P Datasheet HTML 3Page - Texas Instruments TLV716/P Datasheet HTML 4Page - Texas Instruments TLV716/P Datasheet HTML 5Page - Texas Instruments TLV716/P Datasheet HTML 6Page - Texas Instruments TLV716/P Datasheet HTML 7Page - Texas Instruments TLV716/P Datasheet HTML 8Page - Texas Instruments TLV716/P Datasheet HTML 9Page - Texas Instruments TLV716/P Datasheet HTML 10Page - Texas Instruments TLV716/P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 10 mA
IOUT = 50 mA
IOUT = 150 mA
C012
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VOUT = 3.3 V
VOUT = 1.0 V
C013
0
0.2
0.4
0.6
0.8
1
1.2
0
0.05
0.1
0.15
0.2
0.25
0.3
Output Current (A)
±40ƒC
0°C
25°C
85°C
125°C
C010
0
0.5
1
1.5
2
2.5
3
3.5
0
0.05
0.1
0.15
0.2
0.25
0.3
Output Current (A)
±40ƒC
0°C
25°C
85°C
125°C
C011
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
Output Current (mA)
±40ƒC
0°C
25°C
85°C
125°C
C008
50
75
100
125
150
175
0
25
50
75
100
125
150
Output Current ( mA)
±40ƒC
0°C
25°C
85°C
125°C
C007
TLV716, TLV716P
www.ti.com
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Over operating temperature range of TJ = –40°C to 125°C, VIN = VOUT(TYP) + 0.5 V or 2 V (whichever is greater), VEN1 = VEN2 =
VIN, IOUT1 = IOUT2 = 10 mA, CIN = 1 μF, COUT1 = 1 μF, and COUT2 = 1 μF, unless otherwise noted. Output current plots show
typical performance with a single output current sweep. Typical values are at TJ = 25°C.
Figure 7. Ground Pin Current vs IOUT
Figure 8. Dropout Voltage vs IOUT
(VOUT = 3.3 V)
Figure 9. Output Voltage vs
Figure 10. Output Voltage vs
Output Current (VOUT = 1 V)
Output Current (VOUT = 3.3 V)
(Foldback Current Limit)
(Foldback Current Limit)
Figure 11. Power-Supply Rejection Ratio vs Frequency
Figure 12. Output Spectral Noise Density
(VOUT = 3.3 V)
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com