Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV716/P Datasheet HTML 5Page - Texas Instruments TLV716/P Datasheet HTML 6Page - Texas Instruments TLV716/P Datasheet HTML 7Page - Texas Instruments TLV716/P Datasheet HTML 8Page - Texas Instruments TLV716/P Datasheet HTML 9Page - Texas Instruments TLV716/P Datasheet HTML 10Page - Texas Instruments TLV716/P Datasheet HTML 11Page - Texas Instruments TLV716/P Datasheet HTML 12Page - Texas Instruments TLV716/P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Time (500 ns/div)
V
= 3.8 V
IN
I
= no load
OUT
V
(1 V/div)
OUT1
V
(1 V/div)
OUT2
V
= 3.3 V
OUT
C
= none
OUT
EN (1 V/div)
EN = 0 V to 1 V
Time (200 s/div)
V
= 3.8 V
IN
I
= no load
OUT
V
(1 V/div)
OUT1
V
(1 V/div)
OUT2
V
= 3.3 V
OUT
C
= none
OUT
EN (1 V/div)
EN = 0 V to 1 V
Time (200 s/div)
V
= 3.8 V
IN
I
= 150 mA
OUT
V
(1 V/div)
OUT1
V
(1 V/div)
OUT2
V
= 3.3 V
OUT
C
= none
OUT
EN (1 V/div)
EN = 0 V to 1 V
Time (200 s/div)
V
= 0 V to 2.3 V
IN
I
= 0 mA
OUT1
V
(500 mV/div)
OUT1
V
(500 mV/div)
OUT2
V
= 1.8 V
OUT
C
= 1
F
OUT
V (500 mV/div)
IN
Time (200 s/div)
V
= 0 V to 2.3 V
IN
I
= 150 mA
OUT1
V
(500 mV/div)
OUT1
V
(500 mV/div)
OUT2
V
= 1.8 V
OUT
C
= 1
F
OUT
V (500 mV/div)
IN
TLV716, TLV716P
www.ti.com
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Over operating temperature range of TJ = –40°C to 125°C, VIN = VOUT(TYP) + 0.5 V or 2 V (whichever is greater), VEN1 = VEN2 =
VIN, IOUT1 = IOUT2 = 10 mA, CIN = 1 μF, COUT1 = 1 μF, and COUT2 = 1 μF, unless otherwise noted. Output current plots show
typical performance with a single output current sweep. Typical values are at TJ = 25°C.
Figure 19. Start-Up
Figure 20. Start-Up
Figure 21. Start-Up With EN
Figure 22. Start-Up With EN
Figure 23. Shutdown With EN
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com