Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 1 Page - Texas Instruments

  TLV716/P Datasheet HTML 1Page - Texas Instruments TLV716/P Datasheet HTML 2Page - Texas Instruments TLV716/P Datasheet HTML 3Page - Texas Instruments TLV716/P Datasheet HTML 4Page - Texas Instruments TLV716/P Datasheet HTML 5Page - Texas Instruments TLV716/P Datasheet HTML 6Page - Texas Instruments TLV716/P Datasheet HTML 7Page - Texas Instruments TLV716/P Datasheet HTML 8Page - Texas Instruments TLV716/P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
IN
EN1
EN2
GND
OUT1
OUT2
On
Off
On
Off
V
IN
1.4 V to 5.5 V
V
OUT1
V
OUT2
1.0 V to 3.3 V
1.0 V to 3.3 V
TLV716
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV716, TLV716P
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
TLV716/P Capacitor-Free, Dual, 150-mA,
Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
1 Features
3 Description
The TLV716 is a family of dual-channel, capacitor-
1
•
No Input or Output Capacitors Required
free,150-mA, low-dropout (LDO) voltage regulators
•
Inrush Current Control
with multiple fixed-output options available from 1 V
•
Low Crosstalk
to 3.3 V. These devices provide an initial 1%
accuracy and 1.5% accuracy overtemperature.
•
Accuracy: 1.5% (–40°C to 125°C
•
Input Voltage Range: 1.4 V to 5.5 V
The TLV716 family is designed to be stable with or
without an input or output capacitor. Eliminating the
•
Multiple Fixed-Output Voltage Combinations
output capacitor allows for a very small solution size.
Possible from 1 V to 3.3 V
The TLV716P series provides an active pulldown
•
Foldback Current Limit Protection
circuit to quickly discharge the output voltage if the
•
Package: 1.2-mm × 1.2-mm SON-6 (DPQ)
application requires an output capacitor.
The device provides inrush current control during
2 Applications
device
power
up
and
enabling.
Inrush
control
•
Wireless Handsets, Smart Phones, Tablets
provides constant-current charging of the output load
during start-up, thereby reducing the risk of an
•
Set-Top Boxes (STBs), Cameras, Modems
undesired overcurrent fault from the input supply or
•
Portable Battery-Powered Products
battery.
The TLV716 family is available in a 1.2-mm × 1.2-mm
SON-6 package and is ideal for space-constrained
applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV716
X2SON (6)
1.20 mm × 1.20 mm
TLV716P
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV716/P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV716 TI-TLV716 Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV716120275PDPQR TI-TLV716120275PDPQR Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV716120275PDPQT TI-TLV716120275PDPQT Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV7162818PDPQR TI-TLV7162818PDPQR Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV7162818PDPQT TI-TLV7162818PDPQT Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
More results

Similar Description - TLV716/P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
Texas Instruments
TLV7163030PDPQT TI-TLV7163030PDPQT Datasheet
480Kb / 19P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
Capacitor-Free, 150-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Texas Instruments
TLV733P TI-TLV733P Datasheet
1Mb / 34P
TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
TLV716 TI-TLV716_15 Datasheet
1,022Kb / 21P
Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 횞 1,2-mm SON Package
LP2967 TI1-LP2967 Datasheet
1Mb / 20P
Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com