Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV716/P Datasheet HTML 6Page - Texas Instruments TLV716/P Datasheet HTML 7Page - Texas Instruments TLV716/P Datasheet HTML 8Page - Texas Instruments TLV716/P Datasheet HTML 9Page - Texas Instruments TLV716/P Datasheet HTML 10Page - Texas Instruments TLV716/P Datasheet HTML 11Page - Texas Instruments TLV716/P Datasheet HTML 12Page - Texas Instruments TLV716/P Datasheet HTML 13Page - Texas Instruments TLV716/P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Thermal
Shutdown
UVLO
OUT1
OUT2
120 W
120 W
Thermal
Shutdown
UVLO
Current
Limit
Current
Limit
Bandgap and
Reference
0.8 V
Enable and
Power Control
Logic
Bandgap and
Reference
0.8 V
EN2
EN1
IN
TLV716, TLV716P
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TLV716 and TLV716P devices belong to a new family of next-generation of dual-value, low-dropout (LDO)
regulators. These devices consume low quiescent current and deliver excellent line and load transient
performance. These characteristics, combined with low noise, very good PSRR with little (VIN – VOUT) headroom,
make this family of devices ideal for RF portable applications.
This family of regulators offers current limit and thermal protection. Device operating junction temperature is
–40°C to 125°C.
7.2 Functional Block Diagram
NOTE: Dashed lines are for the TLV716P only.
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com