Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV716/P Datasheet HTML 7Page - Texas Instruments TLV716/P Datasheet HTML 8Page - Texas Instruments TLV716/P Datasheet HTML 9Page - Texas Instruments TLV716/P Datasheet HTML 10Page - Texas Instruments TLV716/P Datasheet HTML 11Page - Texas Instruments TLV716/P Datasheet HTML 12Page - Texas Instruments TLV716/P Datasheet HTML 13Page - Texas Instruments TLV716/P Datasheet HTML 14Page - Texas Instruments TLV716/P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLV716, TLV716P
www.ti.com
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
7.3 Feature Description
7.3.1 Internal Current Limit
The TLV716 and TLV716P have an internal foldback current limit that helps protect the regulator during fault
conditions. The current supplied by the device gradually reduces while the output voltage decreases. When the
output is connected to ground, the LDO supplies a typical current of 40 mA. When in current limit, the output
voltage is not regulated and VOUT = IOUT × RLOAD; see Figure 10 and Figure 11. The PMOS pass transistor
dissipates [(VIN – VOUT) × ILIMIT] until thermal shutdown is triggered and the device turns off. When the device
cools down, the internal thermal shutdown circuit turns on the device. If the fault condition continues, the device
cycles between current limit and thermal shutdown. See the Thermal Considerations section for more details.
The TLV716 PMOS pass element has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended. A small schottky diode connected with the
anode to OUT and the cathode to IN can accomplish this limiting.
7.3.2 Shutdown
The enable pin (EN) is active high. The device is enabled when the EN pin goes above 0.9 V. This relatively low
value of voltage required to turn the LDO regulator on can be used to enable the device with the general-purpose
input/output (GPIO) of recent processors whose GPIO voltage is lower than traditional microcontrollers.
The device is turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not required, the
EN pin can connected to the IN pin. The TLV716P will pull down the output with a 120-
Ω resistor when the EN
pin falls below 0.4 V.
7.3.3 Undervoltage Lockout (UVLO)
The TLV716 and TLV716P use an undervoltage lockout circuit (1.3 V, typical) to keep the output shut off until the
internal circuitry is operating properly.
7.4 Device Functional Modes
7.4.1 Capacitor-Free Operation
The TLV716 and TLV716P are stable without the use of input or output capacitors. This functionality results in a
reduction of component count, cost, and solution size. In addition, without the need of external capacitors, the
ultra-small, 1.2-mm × 1.2-mm DPQ package optimizes the solution size for board space-constrained applications.
To optimize device AC performance, an input and output capacitor is recommended, as described in the Input
and Output Capacitor Requirements section.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com