Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV716/P Datasheet HTML 2Page - Texas Instruments TLV716/P Datasheet HTML 3Page - Texas Instruments TLV716/P Datasheet HTML 4Page - Texas Instruments TLV716/P Datasheet HTML 5Page - Texas Instruments TLV716/P Datasheet HTML 6Page - Texas Instruments TLV716/P Datasheet HTML 7Page - Texas Instruments TLV716/P Datasheet HTML 8Page - Texas Instruments TLV716/P Datasheet HTML 9Page - Texas Instruments TLV716/P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0.0
500.0
1000.0
1500.0
2000.0
2500.0
3000.0
1
2
3
4
5
6
Input Voltage (V)
±40ƒC
0°C
25°C
85°C
125°C
C005
40
50
60
70
80
90
100
110
120
1
2
3
4
5
6
Input Voltage (V)
±40ƒC
0°C
25°C
85°C
125°C
C006
0.99
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
0
25
50
75
100
125
150
Output Current (mA)
±40ƒC
0°C
25°C
85°C
125°C
C003
3.288
3.29
3.292
3.294
3.296
3.298
3.3
3.302
3.304
3.306
0
25
50
75
100
125
150
Output Current (mA)
±40ƒC
0°C
25°C
85°C
125°C
C004
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.5
2.5
3.5
4.5
5.5
Input Voltage (V)
±40ƒC
0°C
25°C
85°C
125°C
C001
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
3.5
4
4.5
5
5.5
Input Voltage (V)
±40ƒC
0°C
25°C
85°C
125°C
C001
TLV716, TLV716P
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
www.ti.com
6.6 Typical Characteristics
Over operating temperature range of TJ = –40°C to 125°C, VIN = VOUT(TYP) + 0.5 V or 2 V (whichever is greater), VEN1 = VEN2 =
VIN, IOUT1 = IOUT2 = 10 mA, CIN = 1 μF, COUT1 = 1 μF, and COUT2 = 1 μF, unless otherwise noted. Output current plots show
typical performance with a single output current sweep. Typical values are at TJ = 25°C.
Figure 1. Line Regulation
Figure 2. Line Regulation
%VOUT Deviation vs VIN (VOUT = 1 V)
%VOUT Deviation vs VIN (VOUT = 3.3 V)
Figure 3. Load Regulation
Figure 4. Load Regulation
VOUT vs IOUT (VOUT = 1 V)
VOUT vs IOUT (VOUT = 3.3 V)
Figure 5. Shutdown Current vs VIN
Figure 6. Ground Pin Current vs VIN
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com