Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV716/P Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV716/P
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716/P Datasheet(HTML) 3 Page - Texas Instruments

  TLV716/P Datasheet HTML 1Page - Texas Instruments TLV716/P Datasheet HTML 2Page - Texas Instruments TLV716/P Datasheet HTML 3Page - Texas Instruments TLV716/P Datasheet HTML 4Page - Texas Instruments TLV716/P Datasheet HTML 5Page - Texas Instruments TLV716/P Datasheet HTML 6Page - Texas Instruments TLV716/P Datasheet HTML 7Page - Texas Instruments TLV716/P Datasheet HTML 8Page - Texas Instruments TLV716/P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
EN1
IN
EN2
6
5
4
OUT1
OUT2
GND
1
2
3
TLV716, TLV716P
www.ti.com
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
DPQ Package
6-Pin X2SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Regulated output voltage pin.
OUT1
1
O
See the Input and Output Capacitor Requirements section for more details.
Regulated output voltage pin.
OUT2
2
O
See the Input and Output Capacitor Requirements section for more details.
GND
3
—
Ground pin.
Enable pin for regulator 2. Driving EN2 over 0.9 V turns on regulator 2.
EN2
4
I
Driving EN2 below 0.4 V places regulator 2 into shutdown mode.
Input voltage pin.
IN
5
I
See the Input and Output Capacitor Requirements section for more details.
Enable pin for regulator 1. Driving EN1 over 0.9 V turns on regulator 1.
EN1
6
I
Driving EN1 below 0.4 V places regulator 1 into shutdown mode.
PAD
—
—
Connecting the thermal pad to the ground plane improves the thermal performance.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com