Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 5 Page - STMicroelectronics

  TSA1203IF Datasheet HTML 1Page - STMicroelectronics TSA1203IF Datasheet HTML 2Page - STMicroelectronics TSA1203IF Datasheet HTML 3Page - STMicroelectronics TSA1203IF Datasheet HTML 4Page - STMicroelectronics TSA1203IF Datasheet HTML 5Page - STMicroelectronics TSA1203IF Datasheet HTML 6Page - STMicroelectronics TSA1203IF Datasheet HTML 7Page - STMicroelectronics TSA1203IF Datasheet HTML 8Page - STMicroelectronics TSA1203IF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TSA1203
Pin descriptions
5/30
2
Pin descriptions
Table 1.
Pin descriptions (TQFP48 package)
Pin
nb
Name
Description
Observation
Pin
nb
Name
Description
Observation
1
AGND
Analog ground
0 V
25
GNDBE
Digital buffer ground
0 V
2INI
I channel analog
input
26
VCCBE
Digital buffer power
supply
2.5 V/3.3 V
3
AGND
Analog ground
0 V
27
D11(MS
B)
Most significant bit
output
CMOS output
(2.5 V/3.3 V)
4INBI
I channel inverted
analog input
28
D10
Digital output
CMOS output
(2.5 V/3.3 V)
5
AGND
Analog ground
0 V
29
D9
Digital output
CMOS output
(2.5 V/3.3 V)
6IPOL
Analog bias current
input
30
D8
Digital output
CMOS output
(2.5 V/3.3 V)
7
AVCC
Analog power supply
2.5 V
31
D7
Digital output
CMOS output
(2.5 V/3.3 V)
8
AGND
Analog ground
0 V
32
D6
Digital output
CMOS output
(2.5 V/3.3 V)
9INQ
Q channel analog
input
33
D5
Digital output
CMOS output
(2.5 V/3.3 V)
10
AGND
Analog ground
0 V
34
D4
Digital output
CMOS output
(2.5 V/3.3 V)
11
INBQ
Q channel inverted
analog input
35
D3
Digital output
CMOS output
(2.5 V/3.3 V)
12
AGND
Analog ground
0 V
36
D2
Digital output
CMOS output
(2.5 V/3.3 V)
13
REFPQ
Q channel top
reference voltage
37
D1
Digital output
CMOS output
(2.5 V/3.3 V)
14
REFMQ
Q channel bottom
reference voltage
0 V
38
D0(LSB)
Least significant bit
output
CMOS output
(2.5 V/3.3 V)
15
INCMQ
Q channel input
common mode
39
VCCBE
Digital buffer power
supply
2.5 V/3.3 V - see
Table 14.
16
AGND
Analog ground
0 V
40
GNDBE
Digital buffer ground
0 V
17
AVCC
Analog power supply
2.5 V
41
VCCBI
Digital buffer power
supply
2.5 V
18
DVCC
Digital power supply
2.5 V
42
CLKD
Data clock input
Idle at high level
2.5 V or 3.3 V
19
DGND
Digital ground
0 V
43
OEB
Output enable input
2.5 V/3.3 V
CMOS input
20
CLK
Clock input
2.5 V CMOS
input
44
AVCC
Analog power
supply
2.5 V
21
SELECT Channel selection
2.5 V CMOS
input
45
AVCC
Analog power
supply
2.5 V
22
DGND
Digital ground
0 V
46
INCMI
I channel input
common mode
23
DVCC
Digital power supply
2.5 V
47
REFMI
I channel bottom
reference voltage
0V
24
GNDBI
Digital buffer ground
0 V
48
REFPI
I channel top
reference voltage
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com