Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSA1203IF Datasheet HTML 11Page - STMicroelectronics TSA1203IF Datasheet HTML 12Page - STMicroelectronics TSA1203IF Datasheet HTML 13Page - STMicroelectronics TSA1203IF Datasheet HTML 14Page - STMicroelectronics TSA1203IF Datasheet HTML 15Page - STMicroelectronics TSA1203IF Datasheet HTML 16Page - STMicroelectronics TSA1203IF Datasheet HTML 17Page - STMicroelectronics TSA1203IF Datasheet HTML 18Page - STMicroelectronics TSA1203IF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
TSA1203
Application information
15/30
8
Application information
The TSA1203 is a dual-channel, 12-bit resolution high speed analog-to-digital converter
based on a pipeline structure and deep sub-micron CMOS process to achieve the best
performance in terms of linearity and power consumption.
Each channel achieves 12-bit resolution through the pipeline structure which consists of 12
internal conversion stages in which the analog signal is fed and sequentially converted into
digital data. A latency time of 7 clock periods is necessary to obtain the digitized data on the
output bus.
The input signals are simultaneously sampled, for both channels, on the rising edge of the
clock. The output data is delivered on the rising edge of the clock for channel I, and on the
falling edge of the clock for channel Q, as shown in Figure 2: Timing diagram on page 4. The
digital data produced at the various stages must be time-delayed according to the order of
conversion. Finally, a digital data correction completes the processing and ensures the
validity of the ending codes on the output bus.
The TSA1203 is pin-to-pin compatible with the dual 10 bits/20 Msps TSA1005-20, the dual
10 bits /40 Msps TSA1005-40 and the dual 12 bits/ 20 Msps TSA1204.
8.1
Additional functions
To simplify the application board as much as possible, the following operating modes are
provided:
●
Output enable (OEB) mode
●
Select mode
8.1.1
Output enable mode (OEB)
When set to low level (VIL), all digital outputs remain active and are in low impedance state.
When set to high level (VIH), all digital output buffers are in high impedance state while the
converter goes on sampling. When OEB is set to a low level again, the data arrives on the
output with a very short Ton delay. This mechanism allows the chip select of the device.
Figure 2: Timing diagram on page 4 summarizes this functionality.
If you do not want to use OEB mode, the OEB pin should be grounded through a low value
resistor.
8.1.2
Select mode (SELECT)
The digital data output from each of the ADC cores is multiplexed to share the same output
bus. This prevents an increase in the number of pins and allows to use the same package as
for a single-channel ADC like the TSA1201.
The information channel is selected with the "SELECT" pin. When set to high level (VIH), the
channel I data is present on the D0-D11 output bus. When set to low level (VIL), the channel
Q data is delivered on D0-D11.
By connecting SELECT to CLK, channel I and channel Q are simultaneously present on D0-
D11, channel I on the rising edge of the clock and channel Q on the falling edge of the clock.
(refer to Figure 2: Timing diagram on page 4).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com