Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSA1203IF Datasheet HTML 21Page - STMicroelectronics TSA1203IF Datasheet HTML 22Page - STMicroelectronics TSA1203IF Datasheet HTML 23Page - STMicroelectronics TSA1203IF Datasheet HTML 24Page - STMicroelectronics TSA1203IF Datasheet HTML 25Page - STMicroelectronics TSA1203IF Datasheet HTML 26Page - STMicroelectronics TSA1203IF Datasheet HTML 27Page - STMicroelectronics TSA1203IF Datasheet HTML 28Page - STMicroelectronics TSA1203IF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
TSA1203
Definitions of specified parameters
25/30
10
Definitions of specified parameters
Static parameters
Static measurements are performed using the histograms method on a 2 MHz input signal,
sampled at 50 Msps, which is high enough to fully characterize the test frequency response.
The input level is +1 dBFS to saturate the signal.
Differential non linearity (DNL)
The average deviation of any output code width from the ideal code width of 1 LSB.
Integral non linearity (INL)
An ideal converter exhibits a transfer function which is a straight line from the starting code
to the ending code. The INL is the deviation from this ideal line for each transition.
Dynamic parameters
Dynamic measurements are performed by spectral analysis, applied to an input sine wave
of various frequencies sampled at 40 Msps.
The input level is -1dBFS to measure the linear behavior of the converter. All the parameters
are given without correction for the full scale amplitude performance except the calculated
ENOB parameter.
Spurious free dynamic range (SFDR)
The ratio between the power of the worst spurious signal (not always an harmonic) and the
amplitude of fundamental tone (signal power) over the full Nyquist band. It is expressed in
dBc.
Total harmonic distortion (THD)
The ratio of the rms sum of the first five harmonic distortion components to the rms value of
the fundamental line. It is expressed in dB.
Signal to noise ratio (SNR)
The ratio of the rms value of the fundamental component to the rms sum of all other spectral
components in the Nyquist band (fs/2) excluding DC, fundamental and the first five
harmonics. SNR is reported in dB.
Signal to noise and distortion ratio (SINAD)
Similar ratio as for SNR but including the harmonic distortion components in the noise figure
(not DC signal). It is expressed in dB.
The effective number of bits (ENOB) is easily deduced from the SINAD, using the formula:
SINAD= 6.02
× ENOB + 1.76 dB.
When the applied signal is not full scale (FS), but has an A0 amplitude, the SINAD
expression becomes:
SINAD2Ao=SINADFull Scale+ 20 log (2A0/FS)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com