Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSA1203IF Datasheet HTML 9Page - STMicroelectronics TSA1203IF Datasheet HTML 10Page - STMicroelectronics TSA1203IF Datasheet HTML 11Page - STMicroelectronics TSA1203IF Datasheet HTML 12Page - STMicroelectronics TSA1203IF Datasheet HTML 13Page - STMicroelectronics TSA1203IF Datasheet HTML 14Page - STMicroelectronics TSA1203IF Datasheet HTML 15Page - STMicroelectronics TSA1203IF Datasheet HTML 16Page - STMicroelectronics TSA1203IF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TSA1203
Electrical characteristics
13/30
Figure 17.
Linearity vs. VCCBE
FS=40Msps, ICCA=60mA, Fin=5MHz
Figure 18.
Distortion vs. VCCBE
FS=40Msps, ICCA=60mA, Fin=5MHz
60
61
62
63
64
65
66
67
68
69
70
2.25
2.75
3.25
VCCBE (V)
8
8.5
9
9.5
10
10.5
11
11.5
12
SINAD_I
ENOB_I
SNR_I
SNR_Q
ENOB_Q
SINAD_Q
-110
-100
-90
-80
-70
-60
-50
-40
2.25
2.75
3.25
VCCBE (V)
SFDR_Q
SFDR_I
THD_Q
THD_I
Figure 19.
Linearity vs. duty cycle
FS=40MHz, ICCA=60mA, Fin=5MHz
Figure 20.
Distortion vs. duty cycle
FS=40MHz, ICCA=60mA, Fin=5MHz
40
50
60
70
80
90
100
48
49
50
51
52
Positive Duty Cycle (%)
4
5
6
7
8
9
10
11
12
SINAD_Q
SNR_Q
ENOB_Q
ENOB_I
SNR_I SINAD_I
-100
-90
-80
-70
-60
-50
-40
48
49
50
51
52
Positive Duty Cycle (%)
THD_Q
SFDR_Q
THD_I
SFDR_I
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com