Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSA1203IF Datasheet HTML 22Page - STMicroelectronics TSA1203IF Datasheet HTML 23Page - STMicroelectronics TSA1203IF Datasheet HTML 24Page - STMicroelectronics TSA1203IF Datasheet HTML 25Page - STMicroelectronics TSA1203IF Datasheet HTML 26Page - STMicroelectronics TSA1203IF Datasheet HTML 27Page - STMicroelectronics TSA1203IF Datasheet HTML 28Page - STMicroelectronics TSA1203IF Datasheet HTML 29Page - STMicroelectronics TSA1203IF Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Definitions of specified parameters
TSA1203
26/30
SINAD2Ao=6.02 × ENOB + 1.76 dB + 20 log (2A0/FS)
The ENOB is expressed in bits.
Analog input bandwidth
The maximum analog input frequency at which the spectral response of a full power signal
is reduced by 3 dB. Higher values can be achieved with smaller input levels.
Effective resolution bandwidth (ERB)
The band of input signal frequencies that the ADC is intended to convert without loosing
linearity i.e. the maximum analog input frequency at which the SINAD is decreased by 3dB
or the ENOB by 1/2 bit.
Pipeline delay
Delay between the initial sample of the analog input and the availability of the corresponding
digital data output, on the output bus. Also called data latency. It is expressed as a number
of clock cycles.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com