Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSA1203IF Datasheet HTML 6Page - STMicroelectronics TSA1203IF Datasheet HTML 7Page - STMicroelectronics TSA1203IF Datasheet HTML 8Page - STMicroelectronics TSA1203IF Datasheet HTML 9Page - STMicroelectronics TSA1203IF Datasheet HTML 10Page - STMicroelectronics TSA1203IF Datasheet HTML 11Page - STMicroelectronics TSA1203IF Datasheet HTML 12Page - STMicroelectronics TSA1203IF Datasheet HTML 13Page - STMicroelectronics TSA1203IF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
TSA1203
10/30
Figure 3.
Static parameter: integral non linearity(a)
FS =40Msps, ICCA =60mA, Fin =2MHz
Figure 4.
Static parameter: differential non linearity(a)
Fs = 40 Msps, ICCA =60 mA, Fin =2MH
a.
For parameter definitions, see Section 10: Definitions of specified parameters on page 25.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0
500
1000
1500
2000
2500
3000
3500
4000
Output Code
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
500
1000
1500
2000
2500
3000
3500
4000
Output Code
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com