Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSA1203IF Datasheet HTML 10Page - STMicroelectronics TSA1203IF Datasheet HTML 11Page - STMicroelectronics TSA1203IF Datasheet HTML 12Page - STMicroelectronics TSA1203IF Datasheet HTML 13Page - STMicroelectronics TSA1203IF Datasheet HTML 14Page - STMicroelectronics TSA1203IF Datasheet HTML 15Page - STMicroelectronics TSA1203IF Datasheet HTML 16Page - STMicroelectronics TSA1203IF Datasheet HTML 17Page - STMicroelectronics TSA1203IF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Electrical characteristics
TSA1203
14/30
Figure 21. Single-tone 8K FFT at 40 Msps - Channel Q
Fin =5MHz, ICCA =60mA, Vin@-1dBFS
Figure 22. Dual-tone 8K FFT at 40Msps - Channel Q
Fin1 =0.93MHz, Fin2 =1.11MHz, ICCA =70mA, Vin1@-7dBFS, Vin2@-7dBFS,
IMD = -69dBc
2
4
6
8
12
14
16
18
20
10
-20
-40
-60
-100
-80
-140
0
-120
Frequency (MHz)
2.5
5
7.5
10
15
17.5
20
12.5
-20
-40
-60
-100
-80
0
-120
Frequency (MHz)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com