Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1203IF Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSA1203IF
Description  Dual-channel 12-bit 40Msps 215mW A/D converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1203IF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSA1203IF Datasheet HTML 14Page - STMicroelectronics TSA1203IF Datasheet HTML 15Page - STMicroelectronics TSA1203IF Datasheet HTML 16Page - STMicroelectronics TSA1203IF Datasheet HTML 17Page - STMicroelectronics TSA1203IF Datasheet HTML 18Page - STMicroelectronics TSA1203IF Datasheet HTML 19Page - STMicroelectronics TSA1203IF Datasheet HTML 20Page - STMicroelectronics TSA1203IF Datasheet HTML 21Page - STMicroelectronics TSA1203IF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Application information
TSA1203
18/30
Figure 26. AC-coupled differential input
Figure 26 represents the biasing of a differential input signal in an AC-coupled differential
input configuration. Both inputs VIN and VINB are centered around the common mode
voltage, which can be left internal, or fixed externally.
Figure 27. DC-coupled 2 Vpp differential analog input
Figure 27 shows a DC-coupled configuration with forced VREFP and INCM to the 1V DC
analog input while VREFM is connected to ground; the differential amplitude obtained is
2Vpp.
8.4
Clock input
The quality of your TSA1203 converter is very dependent on your clock input accuracy, in
terms of aperture jitter; the use of a low jitter crystal controlled oscillator is recommended.
Further points to consider in your implementation are:
●
The duty cycle must be between 45% and 55%.
●
The clock power supplies must be independent from the ADC output supplies to avoid
digital noise modulation on the output.
●
When powered-on, the circuit needs several clock periods to reach its normal operating
conditions. Therefore, it is recommended to keep the circuit clocked to avoid random
states before applying the supply voltages.
50
Ω
10nF
TSA1203
VIN
VINB
INCM
33pF
100k
Ω
100k
Ω
50
Ω
10nF
common
mode
TSA1203
VIN
VINB
INCM
330pF
4.7µF
10nF
analog
DC
AC+DC
VREFP
VREFM
VREFP-VREFM = 1 V
DC
analog
VINCM = 0.5 V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com