Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 29Page - Analog Devices AD4081BBCZ Datasheet HTML 30Page - Analog Devices AD4081BBCZ Datasheet HTML 31Page - Analog Devices AD4081BBCZ Datasheet HTML 32Page - Analog Devices AD4081BBCZ Datasheet HTML 33Page - Analog Devices AD4081BBCZ Datasheet HTML 34Page - Analog Devices AD4081BBCZ Datasheet HTML 35Page - Analog Devices AD4081BBCZ Datasheet HTML 36Page - Analog Devices AD4081BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
Data Sheet
AD4081
DIGITAL INTERFACE
analog.com
Rev. 0 | 33 of 95
and the starting address for the transaction are transmitted to the
AD4081. The instruction phase is immediately followed by a data
transaction phase during which one or more bytes of information
is exchanged between the host and the AD4081. This content is
framed by a continuous assertion of the interface chip select (CS )
as illustrated in the generic timing presented in Figure 54 and
Figure 55.
Figure 54. Generic SPI Configuration Frame, CRC Disabled
Figure 55. Generic SPI Configuration Write Operation, CRC Enabled
SPI Register Interface
The configuration register interface is an SPI that enables both
device configuration and system status monitoring. This interface
is configured for 4-wire, full-duplex operation. Dedicated interface
pins for the interface chip select (CS), serial clock (SCLK), and
serial data input (SDI) are intended for direct connection to the host
controller. By default, at power-up or after a software reset, the
configuration interface SDO function is enabled and assigned to the
GPIO0 pin.
The configuration interface timing convention implemented in this
design is consistent with SPI Mode 3, clock polarity (CPOL) =
1, clock phrase (CPHA) = 1. As such, the serial clock (SCLK) is
expected to idle high, and the state of the data pins, SDI and SDO,
are updated on the falling (leading) edge of the clock, such that
these pins can be sampled on the subsequent rising (trailing) edge.
See the Analog Dialogue article, Introduction to SPI Interface, for
more details regarding the SPI and SPI modes.
The memory access controller associated with this interface sup-
ports a number of user-programmable options accessible through
the interface configuration memory space (Address 0x00 to Ad-
dress 0x11). The available options for the AD4081 are listed and
described in Table 14.
Table 14. Configuration Memory Controller Options Summary
Interface Option
Description
Software Reset (SW_RESET,
SW_RESETX)
Resets the internal configuration memory to the default state (except for ADDR_ASCENSION bit). Data FIFO is unaffected. Only use this
reset method once the ADC is in an idle state, where conversions are not clocked, and any existing conversion is completed. See the
Software Reset section for details.
Address Ascension
(ADDR_ASCENSION)
Selecting this option changes the behavior of the memory controller address counter from decrementing (default) to incrementing. This
change affects multibyte transfers, for example, when accessing a multibyte register as a single entity or when streaming mode is enabled.
The selection impacts the starting address for multibyte register accesses in strict register access mode. See the Address Ascension
Selection section for details.
Short Instruction
(SHORT_INSTRUCTION)
Selecting this option reduces the length of the address field in the instruction word from 15 bits to 7 bits.
Single Instruction
(SINGLE_INST)
Selecting this option changes from the default streaming mode to single instruction mode, which requires the host controller to transmit an
instruction for each register access within a given SPI frame. The size of an entity is dependent on the strict register access setting and
whether or not the register is multibyte. This feature allows random access to the memory space during configuration. See the Instruction
Mode Selection section for details.
Strict Register Access
(STRICT_REGISTER_ACCESS)
Selecting this option instructs the memory controller to treat a multibyte register as a single entity, generating a fault when a partial access
is attempted. See the Strict Access Selection and Multibyte Registers section for details.
CRC Enable (CRC_ENABLE,
CRC_ENABLEB)
Selecting this option enables a cyclic redundancy check (CRC) to verify the integrity of data sent to and received from the host. See the
Configuration Cyclical Redundancy Check (CRC) section for details.
Status Data Transmission
(SEND_STATUS)
Selecting this options enables the transmission of status data through the SDO line during the instruction phase of the data frame. See
theStatus Data Transmission section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com