Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 7Page - Analog Devices AD4081BBCZ Datasheet HTML 8Page - Analog Devices AD4081BBCZ Datasheet HTML 9Page - Analog Devices AD4081BBCZ Datasheet HTML 10Page - Analog Devices AD4081BBCZ Datasheet HTML 11Page - Analog Devices AD4081BBCZ Datasheet HTML 12Page - Analog Devices AD4081BBCZ Datasheet HTML 13Page - Analog Devices AD4081BBCZ Datasheet HTML 14Page - Analog Devices AD4081BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
Data Sheet
AD4081
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 95
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Type1
Description
E1
IN−
AI
Negative Analog Differential Input.
E2
AUXIN−
AI
Negative Auxiliary Analog Differential Input.
E6
GPIO1
DI/O
General-Purpose Input and Output 1 Pin.
E7
SCLK
DI
Configuration Interface Serial Data Clock. This clock input is used to shift data into and
out of the device configuration memory.
F1
GPIO2
DI/O
General-Purpose Input and Output 2 Pin.
F2
GPIO3
DI/O
General-Purpose Input and Output 3 Pin.
F3, G3
VDD33
P
3.3V Supply Rail Inputs. These supply pins are internally decoupled by a 470nF
capacitor to GND.
F4, G4
REFIN
AI
3.0V Reference Voltage Inputs.
F7
SDI
DI
Serial Data Input. Configuration data is shifted into this input on the rising edge of the
serial data clock, SCLK.
G1
CS
DI
Configuration Interface Chip Select Input (Active Low). The CS input frames serial
data transfers over the configuration SPI.
G2
CMO
AO
Common-Mode Voltage (VCM) Output.
G6
DNC
DNC
Do Not Connect.
G7
GPIO0
DI/O
General-Purpose Input and Output 0 Pin. This is default configured as Configuration
SPI SDO Data.
1 AI is analog input, AO is analog output, DI is digital input, DI/O is digital input and output, DO is digital output, and P is power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com