Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 86Page - Analog Devices AD4081BBCZ Datasheet HTML 87Page - Analog Devices AD4081BBCZ Datasheet HTML 88Page - Analog Devices AD4081BBCZ Datasheet HTML 89Page - Analog Devices AD4081BBCZ Datasheet HTML 90Page - Analog Devices AD4081BBCZ Datasheet HTML 91Page - Analog Devices AD4081BBCZ Datasheet HTML 92Page - Analog Devices AD4081BBCZ Datasheet HTML 93Page - Analog Devices AD4081BBCZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
Data Sheet
AD4081
CONFIGURATION REGISTERS
analog.com
Rev. 0 | 90 of 95
General Configuration Register
Address: 0x1C, Reset: 0x00, Name: GENERAL_CONFIG
Figure 134. General Configuration Register
Table 55. Bit Descriptions for GENERAL_CONFIG
Bits
Bit Name
Description
Reset
Access
7
INT_EVENT_EN
Internal Event Detection Enable. ADC result or filtered data is only used for internal event detection after
this bit is set to 1.
0x0
R/W
0: Internal event detection is disabled.
1: Internal event detection is enabled.
6
HI_ROUTE
High Detection Route. Allows high detection status to be used for FIFO event detection, status register,
and alert function (via the GPIO).
0x0
R/W
0: Mask High Detection.
1: Route High Detection to Alert Pin, Status Register, and FIFO.
5
LO_ROUTE
Low Detection Route. Allows low detection status to be used for FIFO event detection, status register,
and alert function (via the GPIO).
0x0
R/W
0: Mask Low Detection.
1: Route Low Detection to Alert Pin, Status Register, and FIFO.
4
ADC_CNV_ERR_ROUTE
ADC Conversion Error Route. Allows ADC conversion error status to be routed to the status register and
alert function (via the GPIO).
0x0
R/W
0: Mask ADC Conversion Error.
1: Route ADC Conversion Error to Alert Pin and Status Register.
[3:2]
RESERVED
Reserved. Write 0b0 to these bits.
0x0
R
[1:0]
FIFO_MODE
Conversion Data FIFO Mode.
0x0
R/W
00: FIFO Disabled.
01: Immediate Trigger Mode.
10: Event Trigger Capture, Read Latest WATERMARK.
11: Event Trigger Capture Mode, Read All FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com