Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD4081BBCZ Datasheet HTML 1Page - Analog Devices AD4081BBCZ Datasheet HTML 2Page - Analog Devices AD4081BBCZ Datasheet HTML 3Page - Analog Devices AD4081BBCZ Datasheet HTML 4Page - Analog Devices AD4081BBCZ Datasheet HTML 5Page - Analog Devices AD4081BBCZ Datasheet HTML 6Page - Analog Devices AD4081BBCZ Datasheet HTML 7Page - Analog Devices AD4081BBCZ Datasheet HTML 8Page - Analog Devices AD4081BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
Data Sheet
AD4081
20-Bit, 20 MSPS, Differential SAR ADC
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
High performance
►
Throughput: 20MSPS, 77.50ns conversion latency
►
INL: ±4ppm (typical), ±8ppm (maximum)
►
Dynamic range: 94.6dBFS
►
SNR/THD
►
94dB (typical)/−117.3dB (typical) at fIN = 1kHz
►
93.7dB (typical)/−103.7dB (typical) at fIN = 1MHz
►
Noise spectral density: −164.6dBFS/Hz
►
20-bit resolution, no missing codes
►
Low power
►
68.6mW typical at 20MSPS with −0.5dBFS sine-wave input
►
Easy Drive, fully differential input
►
6V p-p differential input range
►
Continuous signal acquisition
►
Linearized, 5μA/MSPS input current
►
Integrated, low-drift reference buffer and decoupling
►
Integrated VCM generation
►
Digital features and data interface
►
Conversion result FIFO, 16K sample depth
►
Digital averaging filter with up to 210 decimation
►
SPI configuration
►
Configurable data interface
►
Single lane, DDR, serial LVDS, 400Mbps per lane
►
Dual lane, DDR, serial LVDS, 200Mbps per lane
►
Single/quad lane SPI data interface
►
Package
►
49-ball, 5mm × 5mm CSP_BGA, 0.65mm pitch
►
Integrated supply decoupling capacitors
►
Operating temperature range: −40°C to +85°C
APPLICATIONS
►
Digital imaging
►
Cell analysis
►
Spectroscopy
►
Automated test equipment
►
High speed data acquisition
►
Digital control loops, hardware in the loop
►
Power quality analysis
►
Source measurement units
►
Electron and X-ray microscopy
►
Radar level measurement
►
Nondestructive test
FUNCTIONAL BLOCK DIAGRAM
Figure 1. AD4081 Functional Block Diagram
GENERAL DESCRIPTION
The AD4081 is a high speed, low noise, low distortion, 20-bit, Easy
Drive, successive approximation register (SAR) analog-to-digital
converter (ADC). Maintaining high performance (signal-to-noise and
distortion (SINAD) ratio > 90dBFS) at signal frequencies in excess
of 1MHz enables the AD4081 to service a wide variety of precision,
wide bandwidth data acquisition applications. Simplification of the
input anti-alias filter design can be accomplished by applying over-
sampling along with the integrated digital filtering and decimation to
reduce noise and lower the output data rate for applications that do
not require the lowest latency of the AD4081.
The AD4081 Easy Drive features reduce both signal chain com-
plexity and power consumption while enabling greater channel
density and flexibility in companion component selection. The prod-
uct input structure was designed to minimize any input dependent
signal currents, therefore reducing any converter induced settling
artifacts. The continuous acquisition architecture allows settling
across the entire conversion cycle, easing ADC driver settling and
bandwidth requirements as compared to other high-speed data
converters.
The AD4081 includes several elements that simplify data converter
integration: a low drift reference buffer, low dropout (LDO) regula-
tors to generate ADC core and digital interface supply rails, and a
16K result data first-in first out (FIFO) that can greatly reduce the
load on the digital host. Additionally, critical supply and reference
decoupling capacitors are integrated in the package to ensure
optimum performance, simplify printed circuit board (PCB) layout,
and reduce the overall solution footprint.


Similar Part No. - AD4081BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4080 AD-AD4080 Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080 AD-AD4080 Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
AD4080BBCZ AD-AD4080BBCZ Datasheet
3Mb / 94P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
AD4080BBCZ-RL AD-AD4080BBCZ-RL Datasheet
3Mb / 95P
20-Bit, 40 MSPS, Differential SAR ADC
Rev. 0
More results

Similar Description - AD4081BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7760 AD-AD7760 Datasheet
868Kb / 22P
2.5 MSPS, 20-Bit ADC
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com