Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 53Page - Analog Devices AD4081BBCZ Datasheet HTML 54Page - Analog Devices AD4081BBCZ Datasheet HTML 55Page - Analog Devices AD4081BBCZ Datasheet HTML 56Page - Analog Devices AD4081BBCZ Datasheet HTML 57Page - Analog Devices AD4081BBCZ Datasheet HTML 58Page - Analog Devices AD4081BBCZ Datasheet HTML 59Page - Analog Devices AD4081BBCZ Datasheet HTML 60Page - Analog Devices AD4081BBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
Data Sheet
AD4081
DIGITAL FEATURES
analog.com
Rev. 0 | 57 of 95
FIFO Mode Selection and Configuration
There are four distinct modes in which the data FIFO of the AD4081
can be configured. The active mode is selected by setting the
FIFO_MODE bits in the general configuration register (see the
General Configuration Register section, Address 0x1C). By default,
the FIFO is disabled (FIFO_MODE = 00). The modes are designed
to fit the use case requirements of different applications., Table 27
provides details about each FIFO mode and their applicable use
cases.
Table 27. FIFO Configuration Modes (FIFO_MODE)
FIFO_MODE Bit
Value
FIFO Mode
Description
Use Case
00
FIFO disabled
FIFO is not used. This value also resets and rearms the event
trigger.
Continuous convert mode, and FIFO is not in use.
01
Immediate trigger mode
In this mode, the data capture is initiated immediately after
receipt of the first valid converter result and continues until [N =
WATERMARK] results are loaded into the FIFO memory.
User is interested in burst acquisition(s) of [N
= WATERMARK] results, initiated by setting this
FIFO_MODE, Bits[1:0] value.
Upon read back from the FIFO, FIFO_READ_DONE indicates
when [N = WATERMARK] results are read from the FIFO.
10
Event trigger capture, read
latest WATERMARK
The data capture into the FIFO memory is initiated by the
user-selected event method. The result counter initiates by
the event, and data captures to the FIFO stop once [N =
WATERMARK] results are captured.
User is interested in burst acquisition(s) of [N =
WATERMARK] results, initiated by an event. Only result
data after the event is of interest.
Upon read back from the FIFO, FIFO_READ_DONE indicates
when [N = WATERMARK] results have been read from the
FIFO.
11
Event trigger capture mode,
read all FIFO
The data capture immediately initiates after the receipt of the
first valid converter result.
User is interested in burst acquisition(s) of [N =
WATERMARK] results initiated by an event. The full
FIFO contents are read in this mode. In this mode, the
user can read [N = WATERMARK] results after the event
and (16,384 − [N = WATERMARK]) before the event.
Only WATERMARK values that are multiples of four are
valid in this mode.
The FIFO continuously fills until an event is detected. If no
event is detected before the FIFO fills (that is, 16,384 results
are written to memory), the memory continues to fill with the
oldest results discarded on a first in, first out basis.
Upon receipt of the selected event method, a result counter
counts up to [N = WATERMARK]. Data capture stops once the
WATERMARK is reached. In this mode, once the FIFO is filled,
the position in the FIFO memory at which the event occurred
gets automatically stored in the FIFO_WATERMARK register.
The value read back from FIFO_WATERMARK allows the user
to distinguish which of the stored results captured before the
event from those that were captured after the event. Further
details can be seen in the example given in the Event Trigger
Capture Mode, Read All FIFO section.
Upon read back from the FIFO, FIFO_READ_DONE indicates
when 16,384 results are read from the FIFO. The full memory
read back contains [N = WATERMARK] results after the event.
If N in this case is less than 16,384, the remaining contents of
the FIFO contain the conversion results prior to the event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com