Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 43Page - Analog Devices AD4081BBCZ Datasheet HTML 44Page - Analog Devices AD4081BBCZ Datasheet HTML 45Page - Analog Devices AD4081BBCZ Datasheet HTML 46Page - Analog Devices AD4081BBCZ Datasheet HTML 47Page - Analog Devices AD4081BBCZ Datasheet HTML 48Page - Analog Devices AD4081BBCZ Datasheet HTML 49Page - Analog Devices AD4081BBCZ Datasheet HTML 50Page - Analog Devices AD4081BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 95 page
background image
Data Sheet
AD4081
DIGITAL INTERFACE
analog.com
Rev. 0 | 47 of 95
LVDS Manchester Encoding Mode
This mode is accessed via the ADC_DATA_INTF_CONFIG_B reg-
ister (Address 0x16), which produces Manchester encoding of the
result data in compliance with IEEE 802.3. This mode can be
used in isolated data applications where the converter supplies can
be floated and the data outputs capacitively coupled to the host
controller. By ensuring that the mean output of each data lane is
0, the receiver side common-mode voltage is not disturbed by the
result pattern.
Manchester encoding is available in dual lane LVDS mode only so
that the maximum data throughput is achievable with the maximum
200MHz LVDS clock rate.
Figure 79 shows an example how this isolation can be implement-
ed. Note that the LVDS 100Ω termination resistor prior to the
isolation capacitors is required.
Figure 79. Isolated LVDS
ADC Result Latency and LVDS Interface
Alignment
WhenAD4081 is configured for LVDS interface mode, each conver-
sion result is placed into the LVDS interface output shift register(s).
The LVDS_CNV_CLK_CNT bits in the ADC Data Interface Config-
uration B register (see the ADC Data Interface Configuration B
Register section, Address 0x16) is used to configure the point
in time when the conversion result data is loaded into the LVDS
interface output shift register(s). The total time from the rising
edge of a convert pulse to when the MSB of that conversion
request is internally available to transfer to the output register is
defined as (tCYC + tMSB), both specified in Table 2. Because the
transfer of this result data is under the control of the LVDS of
CLK+ and CLK−, there is an additional (1.5 × tCLK) that must
be allowed to guarantee a fully completed result is transferred to
the interface for read back. The user must calculate the correct
required LVDS_CNV_CLK_CNT value and configure the ADC Data
Interface Configuration B register (see the ADC Data Interface
Configuration B Register section) according to the conversion rate
and tCLK used.
For minimum latency, the correct LVDS_CNV_CLK_CNT value to
use for a particular conversion rate is calculated as (tMSB/tCLK +
1.5). This number is rounded down to the nearest integer value.
The maximum tMSB time is specified as 22.4ns with gain error
correction enabled (see the Gain Error Correction section). For a
20MSPS conversion rate in single lane LVDS with a 200MHz LVDS
clock, this is calculated as 22.4ns/5ns + 1.5, yielding a setting
of 5 for the LVDS_CNV_CLK_CNT. Conversion latency is then
determined as time, aligned to the falling edge of the CLK signal,
described as tMSB_READ or latency in the timing diagram, which
can be calculated as (LVDS_CNV_CLK_CNT + 0.5) × tCLK. For the
given example, the single lane latency is calculated as (5+ 0.5) ×
5ns + tCYC =77.50ns latency.
Taking a dual lane example, the same formula is used, again taking
a 20MSPS example, again with gain error correction enabled, the
LVDS clock runs at 100MHz and yields ( 22.4ns/10ns) + 1.5, result-
ing in an LVDS_CNV_CLK_CNT of 3, and a total result latency of (3
+ 0.5) × 10ns + tCYC = 85.00ns latency.
With the gain error correction disabled (see the Gain Error Correc-
tion section), the maximum tMSB time is specified as 18ns. For
a 20MSPS conversion rate in single lane LVDS with a 200MHz
LVDS clock, this is calculated as (18ns/5ns) + 1.5, yielding a setting
of 5 for the LVDS_CNV_CLK_CNT. Conversion latency is then
determined as time, aligned to the falling edge of the CLK signal,
described as tMSB_READ or latency in the timing diagram, which
can be calculated as (LVDS_CNV_CLK_CNT + 0.5) × tCLK. For the
given example, the single lane latency is calculated as (5 + 0.5) × 5
+ tCYC = 77.50ns latency.
Using this example, the same formula is used, again taking a single
lane 20MSPS example, the LVDS clock runs at 200 MHz and yields
(18ns/10ns) + 1.5, resulting in an LVDS_CNV_CLK_CNT of 3 and a
total result latency of (3 + 0.5) × 5ns + tCYC = 85.00 ns latency.
Both of these examples are calculated to achieve the minimum
latency, and it is possible to use a higher LVDS_CNV_CLK_CNT
value, whereby latency is increased by tCLK for each +1 unit in-
crease in the LVDS_CNV_CLK_CNT value.
Figure 80 and Figure 81 serve as aids to describe the placement
of the ADC result data onto the LVDS interface controlled by the
LVDS_CNV_CLK_CNT. Figure 80 shows that a new result is inter-
nally completed after (tCYC + tMSB), and this result is now available
to the interface, signified here also by a notional tMSB_AVAILABLE
(introduced only for the purposes of the Figure 80 explanation).
As this example represents a 20MSPS conversion rate, Figure 80
shows that the LVDS_CNV_CLK_CNT setting of 5 is the earliest
the conversion result can be loaded to the LVDS interface. One
additional full tCLK cycle is required (a complete cycle being CLK+
falling edge to next CLK+ falling edge) is required to move the MSB
to the output. This cycle is highlighted within Figure 80 also with a
notional tMSB_READ indicator for illustrative purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com