Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 70Page - Analog Devices AD4081BBCZ Datasheet HTML 71Page - Analog Devices AD4081BBCZ Datasheet HTML 72Page - Analog Devices AD4081BBCZ Datasheet HTML 73Page - Analog Devices AD4081BBCZ Datasheet HTML 74Page - Analog Devices AD4081BBCZ Datasheet HTML 75Page - Analog Devices AD4081BBCZ Datasheet HTML 76Page - Analog Devices AD4081BBCZ Datasheet HTML 77Page - Analog Devices AD4081BBCZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
Data Sheet
AD4081
CONFIGURATION REGISTERS
analog.com
Rev. 0 | 74 of 95
Table 31. Configuration Register Summary—Configuration Interface Functions (Address 0x00 to Address 0x11) (Continued)
Addr Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset R/W
ACCESS
0x11 INTERFACE_
STATUS_A
[7:0]
NOT_
READY_
ERR
RESERVED
CLOCK_
COUNT_
ERR
CRC_ERR
WR_TO_RD_
ONLY_REG_
ERR
REGISTER_
PARTIAL_
ACCESS_ERR
ADD-
RESS_
INVALID_
ERR
0x00
R/W
0x14 DEVICE_
STATUS
[7:0]
FIFO_
FULL
FIFO_
READ_
DONE
HI_STATUS
LO_STATUS POR_ANA_
FLAG
ADC_
CNV_ERR
ROM_CRC_ERR
POR_
FLAG
0x09
R/W
0x15 ADC_DATA_
INTF_
CONFIG_A
[7:0]
RE-
SERVED
RE-
SERVED
RESERVED
INTF_
CHK_EN
RESERVED SPI_LVDS_
LANES
RESERVED
DATA_
INTF_
MODE
0x40
R/W
0x16 ADC_DATA_
INTF_
CONFIG_B
[7:0]
LVDS_CNV_CLK_CNT
LVDS_
SELF_CLK_
MODE
LVDS_
MNC_EN
RESERVED
LVDS_
CNV_EN
0x00
R/W
0x17 ADC_DATA_
INTF_
CONFIG_C
[7:0]
LVDS_RX_
CURRENT
LVDS_VOD
RESERVED
0x20
R/W
0x18 PWR_CTRL
[7:0]
RESERVED
ANA_DIG_
LDO_PD
INTF_
LDO_
PD
0x00
R/W
0x19 GPIO_
CONFIG_A
[7:0]
GPIO_3_
DATA
GPIO_2_
DATA
GPIO_1_
DATA
GPIO_0_
DATA
GPO_3_EN
GPO_2_EN
GPO_1_EN
GPO_0_
EN
0x01
R/W
0x1A GPIO_
CONFIG_B
[7:0]
GPIO_1_SEL
GPIO_0_SEL
0x00
R/W
0x1B GPIO_
CONFIG_C
[7:0]
GPIO_3_SEL
GPIO_2_SEL
0x00
R/W
0x1C GENERAL_
CONFIG
[7:0]
INT_
EVENT_
EN
HI_
ROUTE
LO_ROUTE
ADC_CNV_
ERR_
ROUTE
RESERVED
FIFO_MODE
0x00
R/W
0x1D FIFO_
WATERMARK
[7:0]
FIFO_WATERMARK[7:0]
0x00
R/W
0x1E
[15:8] RE-
SERVED
FIFO_WATERMARK[14:8]
0x40
R/W
0x1F EVENT_
HYSTERESIS
[7:0]
HYSTERESIS[7:0]
0x00
R/W
0x20
[15:8]
RESERVED
HYSTERESIS[10:8]
0x00
R/W
0x21 EVENT_
DETECTION_
HI
[7:0]
HI_THRESHOLD[7:0]
0x00
R/W
0x22
[15:8]
RESERVED
HI_THRESHOLD[11:8]
0x00
R/W
0x23 EVENT_
DETECTION_
LO
[7:0]
LO_THRESHOLD[7:0]
0x00
R/W
0x24
[15:8]
RESERVED
LO_THRESHOLD[11:8]
0x00
R/W
0x25 OFFSET
[7:0]
OFFSET[7:0]
0x00
R/W
0x26
[15:8]
RESERVED
OFFSET[11:8]
0x00
R/W
0x27 GAIN
[7:0]
GAIN[7:0]
0x00
R/W
0x28
[15:8]
RESERVED
GAIN[9:8]
0x02
R/W
0x29 FILTER_
CONFIG
[7:0]
RE-
SERVED
SINC_DEC_RATE
RESERVED
FILTER_SEL
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com