Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4081BBCZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD4081BBCZ
Description  20-Bit, 20 MSPS, Differential SAR ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4081BBCZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD4081BBCZ Datasheet HTML 63Page - Analog Devices AD4081BBCZ Datasheet HTML 64Page - Analog Devices AD4081BBCZ Datasheet HTML 65Page - Analog Devices AD4081BBCZ Datasheet HTML 66Page - Analog Devices AD4081BBCZ Datasheet HTML 67Page - Analog Devices AD4081BBCZ Datasheet HTML 68Page - Analog Devices AD4081BBCZ Datasheet HTML 69Page - Analog Devices AD4081BBCZ Datasheet HTML 70Page - Analog Devices AD4081BBCZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
Data Sheet
AD4081
DIGITAL FEATURES
analog.com
Rev. 0 | 67 of 95
Filter Reset Conditions
Direct LVDS
When accessing the filtered data directly via the LVDS interface,
the AD4081 resets the filter by the following two methods:
►
By configuring the filter, by issuing a write to the filter configu-
ration register, Bits[7:0] (see the Filter Configuration Register
section, Address 0x29).
►
By asserting a GPIO that’ is configured for FILTER_SYNC opera-
tion.
With FIFO
When the FIFO is enabled, the user must use a GPIO configured
as FILTER_SYNC to reset the filter for each FIFO acquisition.
Filter Synchronization
Set GPIO_x_SEL to FILTER_SYNC to configure this input providing
synchronization to the controller of the user, which can be used
to synchronize the filters across multiple AD4081 devices. The
FILTER_SYNC signal timing requirements for a filter reset are
shown in Figure 99.
Figure 99. Filter Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com