Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 51Page - Analog Devices AD4084BBCZ Datasheet HTML 52Page - Analog Devices AD4084BBCZ Datasheet HTML 53Page - Analog Devices AD4084BBCZ Datasheet HTML 54Page - Analog Devices AD4084BBCZ Datasheet HTML 55Page - Analog Devices AD4084BBCZ Datasheet HTML 56Page - Analog Devices AD4084BBCZ Datasheet HTML 57Page - Analog Devices AD4084BBCZ Datasheet HTML 58Page - Analog Devices AD4084BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
Data Sheet
AD4084
DIGITAL FEATURES
analog.com
Rev. 0 | 55 of 94
Threshold Detect Levels
The threshold detection of the AD4084 includes a hysteresis set-
ting. By configuring this setting, the user can ensure that unwanted
threshold triggering can be avoided. Figure 85 shows how this can
be achieved. A single hysteresis setting is configured, that is then
applied to both the HI_THRESHOLD and LO_THRESHOLD bits.
The high and low detection flags remain set until the hysteresis
thresholds are crossed.
Figure 85. Threshold Detect Levels
Enabling Event Detection
By default, after power on or reset, HI_ROUTE and LO_ROUTE
are set to Logic 0, masking the threshold level detection from
generating any event alert. When enabled, the gated versions of
these signals, HI_DTCT_GATED and LO_DTCT_GATED, are logic
NOR'd to generate the ALERT signal. If a user requires the use
of the HI_DTCT, LO_DTCT, or ALERT signals to flag an event
occurrence externally, back to a digital host, the GPIO_x_SEL
registers can be used to route any, or multiple, of these signals to
the GPIO pins.
Event Detection for FIFO
Event detection can also be used to arm the on-chip FIFO. The
event detection for the FIFO can be triggered using either internal
or external events as detailed in the Table 25 section.
To use the ALERT signal to trigger the FIFO, the HI_ROUTE
and/or the LO_ROUTE bits must be configured as required, and
the INT_EVENT_EN bit must be set to 1, to use a combined
ALERT output to trigger the FIFO. Alternately, when configured
with the INT_EVENT_EN bit set to 0, a GPIO EXT_EVENT input
must be configured, and this input triggers the FIFO when a Logic
1 is presented on the GPIO. Because this event was generated
externally, there is no ALERT signal generated.
The HI_THRESHOLD (Address 021 and Address 022) and
LO_THRESHOLD (Address 0x23 and Address 0x 24) bits can
be used to configure the ADC output code thresholds for the
internal event detection. These bits can each be masked using
the HI_ROUTE and LO_ROUTE bits in the general configuration
register (Address 0x1C). Setting these bits logic high, routes the
bits to be used for the ALERT flag (that can be monitored using
a preconfigured GPIO), it is also enabled as a FIFO event trigger
as well as making these available as HI_STATUS and LO_STATUS
flags in the device status register (Address 0x14).
Figure 86. FIFO Event Detection Logic
Event Detection ADC Data Result
The ADC data result, as shown in Figure 83, is dependent of the
selected data path. As is evident in Figure 97, where the digital filter
(see the Digital Filter section) is enabled, the output of the selected
filter refers to the ADC data result that is checked by the threshold
detection for event detection.
RESULT FIFO
A single port data FIFO was integrated into the AD4084 for applica-
tions where a reduced data interface transmission load is required
and where asynchronous data capture and access is appropriate.
This FIFO can serve to reduce the requirements for the digital host
controller and can, for example, enable the AD4084 to be deployed
in systems using an MCU digital host. The data FIFO allows for a
record of up to 16,384 data results to be captured per acquisition
burst without result loss due to data overflow. As a single port
memory, simultaneous data interface read and ADC conversion
result write operations are not permitted to the FIFO.
To allow synchronization of FIFO access between the host control-
ler and ADC, status flags are included to indicate if the memory
is full (FIFO_FULL) or if no new data available in the FIFO
(FIFO_READ_DONE), that is, there is no new data since the last
trigger was set, or the last FIFO data read back of a result record
has already been completed. When N = WATERMARK is reached,
that is, when the conversion result corresponding to the specified
count in the FIFO_WATERMARK register is loaded into the data
FIFO, memory is set as full, and the FIFO_FULL bit gets asserted
in device status register (see the Device Status Register section,
Address 0x4). The status bits can be accessed by reading directly
from the device status register (Address 0x14) via the configuration
SPI, appending the status to the data SPI frame, or by assigning
the desired status flags to a GPIO pin by setting the required
GPIO_x_SEL bit. Further details on these GPIO can be found in
the GPIO Pins section. The user can also select between various
modes of initiating the burst acquisition, which will be described
further in the FIFO Mode Selection and Configuration section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com