Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 18Page - Analog Devices AD4084BBCZ Datasheet HTML 19Page - Analog Devices AD4084BBCZ Datasheet HTML 20Page - Analog Devices AD4084BBCZ Datasheet HTML 21Page - Analog Devices AD4084BBCZ Datasheet HTML 22Page - Analog Devices AD4084BBCZ Datasheet HTML 23Page - Analog Devices AD4084BBCZ Datasheet HTML 24Page - Analog Devices AD4084BBCZ Datasheet HTML 25Page - Analog Devices AD4084BBCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
Data Sheet
AD4084
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 94
Figure 38. Typical Regulator Start-Up Transient, Converter Idle
All supply domains are internally decoupled using multilayer, high
dielectric, ceramic capacitors (X6S), eliminating the need of exter-
nal decoupling capacitors. However, care must be taken to under-
stand the bulk decoupling requirements for other components in the
design that share the same supply. Integrated supply decoupling
capacitors in the AD4084 are listed in Table 6 as well as in Table 9.
Table 9. Integrated Supply Decoupling Summary
Supply Pin
Nominal Value (μF)
Tolerance (%)
Return Path
VDD33
0.47
±10
GND
VDDLDO
0.22
±10
GND
VDD11
1.88 (4× 0.47)
±10
GND
IOVDD
0.22
±10
IOGND
INTERNALLY REGULATED SUPPLY
CONFIGURATION
The AD4084 includes two internal LDO regulators, one to generate
the 1.1V VDD11 supply rail and another to internally generate the
1.1V IOVDD supply rail. Upon power on or reset of the AD4084
registers, both regulators automatically power up when an external
voltage source in the range of 1.4V to 2.7V is applied to the
VDDLDO pin. The regulators are designed to supply the internal
load requirement of the AD4084; therefore, no external loading is
permitted. Note that, as described in the Power Saving Operating
Modes section, IOVDD is disabled in both power saving modes.
The required connectivity when using the internal regulators is
illustrated in Figure 39. As shown in Figure 39, the VDD11 pins
(A1, A2, and A3) must be shorted together. It is recommended that
a thick trace or polygon on the device side of the PCB be used
to implement this connection in the physical design to minimize
routing impedance. The VDD33 rail is supplied with an external
3.3V supply. This supply can be removed when using power saving
modes. When this supply is removed, only analog circuity is held
in reset, and the configuration register content remains unaffected.
Refer to Table 1 for the applicable input voltage tolerance for each
supply rail.
Figure 39. Internally Regulated (1.1V) Supply Configuration
The internally regulated configuration is ideal for use in area con-
strained applications where the ability to eliminate external regula-
tors is advantageous. However, note that, in this configuration, the
internal supply regulation introduces additional power dissipation.
EXTERNALLY GENERATED SUPPLY
CONFIGURATION
In system using externally generated supplies VDDLDO must be
left unconnected. With VDDLDO unconnected both the internal
LDO powering VDD11 and the internal LDO powering IOVDDD are
automatically disabled. VDD11 must be connected to an externally
generated 1.1V supply rail, and IOVDD should be connected to an
externally generated 1.1V to 1.2V supply rail. It should be noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com