Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 93 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 93 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 86Page - Analog Devices AD4084BBCZ Datasheet HTML 87Page - Analog Devices AD4084BBCZ Datasheet HTML 88Page - Analog Devices AD4084BBCZ Datasheet HTML 89Page - Analog Devices AD4084BBCZ Datasheet HTML 90Page - Analog Devices AD4084BBCZ Datasheet HTML 91Page - Analog Devices AD4084BBCZ Datasheet HTML 92Page - Analog Devices AD4084BBCZ Datasheet HTML 93Page - Analog Devices AD4084BBCZ Datasheet HTML 94Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 93 / 94 page
background image
Data Sheet
AD4084
CONFIGURATION REGISTERS
analog.com
Rev. 0 | 93 of 94
Filter Configuration Register
Address: 0x29, Reset: 0x00, Name: FILTER_CONFIG
Figure 141. Filter Configuration Register
Table 61. Bit Descriptions for FILTER_CONFIG
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved. Write 0b0 to this bit field.
0x0
R
[6:3]
SINC_DEC_RATE
Decimation Factor. These bits set the Sinc Decimation Factor N. The filter compensation block incurs an
additional 2× decimation. The total decimation for a selected filter is sinc1 = N, sinc5 = N, or sinc5 +
compensation = N × 2.
0x0
R/W
For a selected filter, setting invalid values, outside of those specified here, will set the filter at the maximum
decimation rate
0000: N = 2.
0001: N = 4.
0010: N = 8.
0011: N = 16.
0100: N = 32.
0101: N = 64.
0110: N = 128.
0111: N = 256.
1000: N = 512 (sinc1 only).
1001: N = 1024 (sinc1 only).
2
RESERVED
Reserved.
0x0
R
[1:0]
FILTER_SEL
Filter Selection. To ensure the first filter result produces the correct data, when a user makes a change to the
filter selection, a reset must be issued via the GPIO pin configured for filter synchronization (FILTER_SYNC).
0x0
R/W
00: Filter Disabled.
01: Sinc1 Filter Selected.
10: Sinc5 Filter Selected.
11: Sinc5 + Compensation Filter Selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com