Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 59Page - Analog Devices AD4084BBCZ Datasheet HTML 60Page - Analog Devices AD4084BBCZ Datasheet HTML 61Page - Analog Devices AD4084BBCZ Datasheet HTML 62Page - Analog Devices AD4084BBCZ Datasheet HTML 63Page - Analog Devices AD4084BBCZ Datasheet HTML 64Page - Analog Devices AD4084BBCZ Datasheet HTML 65Page - Analog Devices AD4084BBCZ Datasheet HTML 66Page - Analog Devices AD4084BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
Data Sheet
AD4084
DIGITAL FEATURES
analog.com
Rev. 0 | 63 of 94
DIGITAL FILTER
The AD4084 includes the option of enabling an integrated digital
filter for applications where noise rejection by bandwidth limiting is
desired. As shown in Figure 97 and detailed as follows, there are
four paths available by which to route digital data: no digital filtering,
a sinc1 filter, a sinc5 filter, or a sinc5 compensated filter.
Further details on each of these filters is described in the following
sections. To ensure the first filter result produces the correct data,
when a user makes a change to the filter selection, a reset must
be issued via the GPIO pin configured for filter synchronization
(FILTER_SYNC).
Figure 97. Digital Filter Selection Options
Benefits of Digital Filtering
The ADC result path can be configured to use the integrated digital
filter feature. The filter configuration register (see the Filter Configu-
ration Register section, Address 0x29) contains the FILTER_SEL
bits that allow the user to bypass (default register setting) the
digital filter or select from one of three filter options. Each filter has
unique bandwidth profile properties, which allows high flexibility in
allowing selection to be made depending on the end application
requirements. Table 27 shows the −3 dB bandwidths achievable for
each user-selectable filter type. The SINC_DEC_RATE bits controls
the bandwidth and the data decimation factor.
These filters allow the user to programmatically control the noise
bandwidth of their signal chain and also can offer benefits by
reducing the amount filtering required in the analog front end, while
offering dynamic range improvement without the need for addition-
al components. The digital filter response sections have addition
details on the different filter profiles that include the following:
►
Sinc1 has a wider bandwidth but is not optimized for pass-band
flatness.
►
Sinc5 has a flatter pass-band response; however, with a reduced
bandwidth.
►
Sinc5 + compensation is a filter highly optimized to give excellent
pass-band flatness with a ripple within ±0.1 dB.
Table 27. Filter Bandwidth
Filter Type
SINC_DEC_RATE
Decimation
−3 dB Bandwidth
Sinc1
0000
2
0.25 × fS
Sinc1
0001
4
0.114 × fS
Sinc1
0010
8
0.056 × fS
Sinc1
0011
16
0.028 × fS
Sinc1
0100
32
0.014 × fS
Sinc1
0101
64
0.007 × fS
Sinc1
0110
128
0.0035 × fS
Sinc1
0111
256
0.0017 × fs
Sinc1
1000
512
0.0009 × fS
Sinc1
1001
1024
0.0004 × fS
Sinc5
0000
2
0.117 × fS
Sinc5
0001
4
0.0525 × fS
Sinc5
0010
8
0.0256 × fS
Sinc5
0011
16
0.0127 × fS
Sinc5
0100
32
0.0064 × fS
Sinc5
0101
64
0.0032 × fS
Sinc5
0110
128
0.0016 × fS
Sinc5
0111
256
0.0008 × fS
Sinc5 + Compensation
0000
4
0.1015 × fS
Sinc5 + Compensation
0001
8
0.0506 × fS
Sinc5 + Compensation
0010
16
0.0253 × fS
Sinc5 + Compensation
0011
32
0.0127 × fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com