Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 15Page - Analog Devices AD4084BBCZ Datasheet HTML 16Page - Analog Devices AD4084BBCZ Datasheet HTML 17Page - Analog Devices AD4084BBCZ Datasheet HTML 18Page - Analog Devices AD4084BBCZ Datasheet HTML 19Page - Analog Devices AD4084BBCZ Datasheet HTML 20Page - Analog Devices AD4084BBCZ Datasheet HTML 21Page - Analog Devices AD4084BBCZ Datasheet HTML 22Page - Analog Devices AD4084BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
Data Sheet
AD4084
THEORY OF OPERATION
analog.com
Rev. 0 | 19 of 94
TRANSFER FUNCTION
The AD4084 digitizes the full-scale difference voltage of 2 × VREFIN
into 216 levels, resulting in an LSB size of 91.55μV with VREFIN =
3.0V. Note that 1 LSB at 16 bits is approximately 15.26ppm.
Table 7 summarizes the mapping of input voltages to differential
output codes.
Figure 34. ADC Ideal Transfer Function for the Differential Output Codes
(FSR Is Full-Scale Range)
Table 7. Input Voltage to Output Code Mapping
Description
Analog Input Voltage
Difference (IN+ − IN−,
Volts)
Digital Output Code (Twos
Complement, Hex)
FS − 1 LSB
+VREFIN × (1 − 1/215)
0x7FFF
Midscale + 1 LSB +VREFIN/215
0x0001
Midscale
0
0x0000
Midscale − 1 LSB −VREFIN/215
0xFFFF
−FS + 1 LSB
−VREFIN × (1 − 1/215)
0x8001
−FS
−VREFIN
0x8000
EASY DRIVE ANALOG INPUTS
The AD4084 signal input consists of a fully differential input pair
(IN+ and IN−), each connected to the input sampling network
(series resistance (RS) and sampling capacitance (CS)) and a pair
of auxiliary inputs (AUXIN+ and AUXIN−) that provide a reference
to the sampling network linearization circuits. An equivalent circuit
model of the analog input is presented in Figure 35.
Figure 35. Equivalent Analog Input Circuit Model
In this model, the input sampling network was simplified to consist
of two ideal switches, RS and CS, for the ADC in acquisition mode.
The typical value for CS is 23.5pF and RS is 26Ω.
The parasitic capacitance related to the pin connection (CPIN) is
modeled as a shunt capacitor between the pin and device ground
terminal (GND). The capacitance includes parasitic capacitance
formed from the physical interface, routing in the package substrate
and the device input protection circuits. The CPIN value is typically
4.5pF. The input protection circuit for the AD4084 is modeled as
diode clamps to the GND and VDD33 supply rails.
The external low-pass filters (LPFs) constructed from RFILTIN and
CFILTIN and RFILTAUX and CFILTAUX are band-limiting filters for the
primary and auxiliary paths, respectively.
The combination of RFILTIN and CFILTIN is often referred to as
anti-aliasing filters because these filters do introduce a single-pole
filter in the analog input signal path. However, the function of CFILTIN
is more complex and must be carefully considered. Conversion
through a SAR involves sampling the voltage from an internal ca-
pacitor, represented by CS in the Figure 35, which typically occurs
in two phases in time, ϕ1 and ϕ2 . During the first phase, the ϕ1
switches are closed, the ϕ2 switches are opened, and the sampling
capacitors (CS) are charged to the analog input voltages present at
IN+ and IN−. During the second phase, the ϕ1 switches are opened,
the ϕ2 are closed, and the ADC converts the voltage onto CS.
An additional short time phase exists where the CS charge is
reset after the conversion is complete. This process repeats for
each new ADC conversion. The transfer of charge from the ADC
analog input pins to CS, due to the closing of the switches in
each conversion cycle, creates a demand at the analog input pin.
It is important to ensure that the voltage presented at the input
pin is undisturbed by the internal ADC activity so that the voltage
can be converted with the highest accuracy. Each new conversion
presents a disturbance, or kick, at the input. The faster the ADC
conversion rate is, the more frequent the occurrence of these kicks.
An ADC driver is used to ensure that the input voltage, disturbed
by the kick at each sampling instance, is fully settled to the required
ADC resolution prior to the next sample being acquired. The ADC
driver amplifier must have a wide enough output bandwidth to settle
the voltage in time for each sample, which creates a signal chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com