Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 14Page - Analog Devices AD4084BBCZ Datasheet HTML 15Page - Analog Devices AD4084BBCZ Datasheet HTML 16Page - Analog Devices AD4084BBCZ Datasheet HTML 17Page - Analog Devices AD4084BBCZ Datasheet HTML 18Page - Analog Devices AD4084BBCZ Datasheet HTML 19Page - Analog Devices AD4084BBCZ Datasheet HTML 20Page - Analog Devices AD4084BBCZ Datasheet HTML 21Page - Analog Devices AD4084BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
Data Sheet
AD4084
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 94
PRODUCT OVERVIEW
The AD4084 is a high speed, low noise, low distortion, 16-bit,
Easy Drive, SAR ADC. The device is capable of conversion rates
up to 20MSPS, with 78.13ns result output latency. The parametric
performance, bandwidth, and throughput make this product ideal for
a variety of high speed, data acquisition applications. Innovations in
the AD4084 product design enable both complexity reduction and
component flexibility in the design of data acquisition signal chains.
The converter architecture enables continuous acquisition of the in-
put signal throughout the entire conversion period, tCONV, reducing
the input signal conditioning bandwidth required to settle to the
specified resolution.
The design incorporates circuitry to reduce the nonlinear input
current associated with the charge kickback typical of a switched
capacitor SAR input.
Conversion result access occurs via either a multilane LVDS port
operating at clock rates up to 160MHz or via a multioutput SPI
operating at clock rates up to 50MHz.
The LVDS interface is compatible with differential signaling stand-
ards between 1.2V and 2.5V. To maximize throughput, the previous
conversion results can be read through the entirety of the conver-
sion period as long as the CNV+ edge and CLK+ rising edges are
aligned. The LVDS interface is described in detail in the LVDS Data
Interface Configuration section.
The single or quad lane SPI data interface is also available for
CMOS level interfacing. When configured, this interface is used
to access conversion results stored in the on-chip FIFO. FIFO
operation is explained in the Result FIFO section.
CONVERTER OPERATION
A conventional SAR ADC typically operates in two phases—an
acquisition phase, whereby the analog input voltage is acquired
on the analog input pins, and followed by a conversion phase
that is initiated by a conversion start signal. During the conversion
phase the sampled analog input voltage is converted to a digital
conversion result. In a single ADC, this is typically performed by
converting the voltage from one sampling circuit. In the case of
the AD4084, Figure 32 details the unique feature of this converter,
whereby the analog input is connected to two sampling circuits,
and the input is sampled by each one in sequence. To a user,
this requires no additional control or configuration, and as such, is
completely transparent in usage.
Figure 32. Simplified Representation of the AD4084 SAR ADC
The AD4084 converter seamlessly sequences back and forth from
one sampler to the other, meaning that one sampler is in acquisition
mode while the voltage sampled on the other is being converted.
Figure 33 shows that the AD4084 timing is contrasted against
a conventional SAR ADC, where it switches between sequential
conversion and the acquisition phase leads to a reduced amount
of time for the input signal acquisition and settling. As sampling
rates increase (and therefore cycle times reduce), it is important
to maintain longer acquisition times to enable settling, particularly
to the higher levels of precision offered by the AD4084. Further
details on the benefits of reducing driver and noise bandwidths are
described in the Easy Drive Analog Inputs section.
Figure 33. Conversion Cycle Compared to Conventional SAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com