Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 54Page - Analog Devices AD4084BBCZ Datasheet HTML 55Page - Analog Devices AD4084BBCZ Datasheet HTML 56Page - Analog Devices AD4084BBCZ Datasheet HTML 57Page - Analog Devices AD4084BBCZ Datasheet HTML 58Page - Analog Devices AD4084BBCZ Datasheet HTML 59Page - Analog Devices AD4084BBCZ Datasheet HTML 60Page - Analog Devices AD4084BBCZ Datasheet HTML 61Page - Analog Devices AD4084BBCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
Data Sheet
AD4084
DIGITAL FEATURES
analog.com
Rev. 0 | 58 of 94
Asynchronous Read Access
Access to the FIFO data is made through either a LVDS configu-
ration (single lane only) or the multi-output SPI configuration of
the data interface after the capture has completed. As a result,
access is asynchronous to the capture process, and there are no
specific timing restrictions between the conversion and interface
clocks. Synchronization between the data FIFO and the data
interface clock domain requires each read access to begin with
a header followed by a transfer of M bytes of conversion data;
where M equals the product of the total number of results specified
in the FIFO_WATERMARK register (Address 0x1D and Address
0x1E) and the integer length in bytes (for SPI data interface) of a
single conversion result. Note that the number of active data lanes
reduces the access period by a factor of 2 for each doubling of the
number of active lanes.
CNV+
CNV-
FIFO_FULL
FIFO_READ_DONE
DCS
1
2
3
4
5
6
7
8
9
...
Number of DCLK = [(16*N)+8]
DCLK
SDOA
8'hAA
D15
[N]
D14
[N]
D13
[N]
D12
[N]
D11
[N]
D10
[N]
D9
[N]
D2
[1]
D1
[1]
D0
[1]
D15
[0]
D14
[0]
D13
[0]
D2
[0]
D1
[0]
D0
[0]
SDOB
SDOC
SDOD
N+1
N+2
N+3
N = WATERMARK
MSB
MSB-1
Last Burst Results Loaded
FIFO Write Access Disabled
Read Access Initiated
FIFO Synchronized.
FIFO Full Flag Cleared
Last sample transferred to interface.
FIFO Full Empty Asserted
Figure 88. Asynchronous Capture Read Timing, Data FIFO Enabled, Single Data Lane
CNV+
CNV-
FIFO_FULL
FIFO_READ_DONE
DCS
1
2
3
4
5
6
7
8
9
...
Number of DCLK = [(4*N)+8]
DCLK
8'hAA
D12
[N]
D8
[N]
D4
[1]
D0
[1]
D12
[0]
D8
[0]
D0
[0]
SDOA
8'hAA
D13
[N]
D9
[N]
D5
[1]
D1
[1]
D13
[0]
D9
[0]
D1
[0]
SDOB
8'hAA
D14
[N]
D10
[N]
D6
[1]
D2
[1]
D14
[0]
D10
[0]
D2
[0]
SDOC
8'hAA
D15
[N]
D11
[N]
D7
[1]
D3
[1]
D15
[0]
D11
[0]
D3
[0]
SDOD
N+1
N+2
N+3
N = WATERMARK
MSB-1
MSB
Last Burst Results Loaded
FIFO Write Access Disabled
Read Access Initiated
FIFO Synchronized.
FIFO Full Flag Cleared
Last sample transferred to interface.
FIFO Full Empty Asserted
Figure 89. Asynchronous Capture Read Timing, Data FIFO Enabled, Quad Data Lane Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com