Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4084BBCZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD4084BBCZ
Description  16-Bit, 20 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4084BBCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD4084BBCZ Datasheet HTML 8Page - Analog Devices AD4084BBCZ Datasheet HTML 9Page - Analog Devices AD4084BBCZ Datasheet HTML 10Page - Analog Devices AD4084BBCZ Datasheet HTML 11Page - Analog Devices AD4084BBCZ Datasheet HTML 12Page - Analog Devices AD4084BBCZ Datasheet HTML 13Page - Analog Devices AD4084BBCZ Datasheet HTML 14Page - Analog Devices AD4084BBCZ Datasheet HTML 15Page - Analog Devices AD4084BBCZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
Data Sheet
AD4084
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 94
Figure 3. Fast Fourier Transform (FFT) 20 MSPS, fIN = 1kHz, −0.5dBFS
Figure 4. FFT 20 MSPS, fIN = 1MHz, −1.0dBFS
Figure 5. SNR vs. Input Signal Frequency (Amplitude = −0.5dBFS, −1dBFS,
−3dBFS, −6dBFS, −10dBFS, and −12dBFS)
Figure 6. THD vs. Input Signal Frequency (Amplitude = −0.5dBFS, −1dBFS,
−3dBFS, −6dBFS, −10dBFS, and −12dBFS)
Figure 7. Small Signal −3dB Bandwidth at 20MSPS
Figure 8. Sinc5 + Compensation Filter, Pass-Band Flatness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com