Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 50Page - STMicroelectronics STPM32 Datasheet HTML 51Page - STMicroelectronics STPM32 Datasheet HTML 52Page - STMicroelectronics STPM32 Datasheet HTML 53Page - STMicroelectronics STPM32 Datasheet HTML 54Page - STMicroelectronics STPM32 Datasheet HTML 55Page - STMicroelectronics STPM32 Datasheet HTML 56Page - STMicroelectronics STPM32 Datasheet HTML 57Page - STMicroelectronics STPM32 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
9
Application design and calibration
The choice of external components in the transduction section of the application is a crucial point in the
application design, affecting the precision and the resolution of the whole system. A compromise has to be found
among the following needs:
1.
Maximizing signal-to-noise ratio in the voltage and current channel
2.
Choosing current-to-voltage conversion ratio kS and the voltage divider ratio in a way that calibration can be
achieved for a given constant pulse CP
3.
Choosing kS to take advantage of the whole current dynamic range according to desired maximum current
and resolution
In this section, the rules for a good application design are described. After the design phase, any tolerance of the
real components from these values or device internal parameter drift can be compensated through calibration.
Please refer to Section 8.4.6 and Section 8.4.7 for device basic calculations.
9.1
Application design
To reach CP target output constant pulse at default LPW value, the analog front end component choice has to
depend on:
•
value of R1 voltage divider resistor, given R2 and kS current sensor sensitivity
•
kS given R1 and R2 voltage divider resistors Calculations for these two methods are developed below:
First method: constant kS
Given R2 (smaller voltage divider resistor), kS (current sensor sensitivity) and the target meter constant pulse CP
(pulses/kWh) as input of the calculations, the value of the voltage divider resistor R1 comes from the following
formula:
Equation 23
R1=R2∙ 1800∙kS∙kint∙AV∙AI∙calV∙calI∙DClk
Vref2∙CP
−1 Ω
(23)
Second method: constant R1
Given R1, R2 (voltage divider resistors) and CP target meter constant pulse (pulses/kWh) as input of the
calculations, the value of kS current sensor comes from the following formula:
Equation 24
kS= Vref2∙CP∙1+R1R2
1800∙AV∙AI∙kint∙calV∙calI∙DClk mV/A
(24)
Note:
The resistor (the former) or the current channel sensor sensitivity (the latter) must be chosen as closer as
possible to the target; small tolerance is compensated by the calibration, to reach the target constant pulse CP.
With the above external components, the maximum measurable values of RMS voltage and current are:
Equation 25
VMAX=12∙ VrefAV∙2∙R1+R2R2 V
(25)
Equation 26
IMAX=12∙ VrefAI∙2∙ 1kS∙kint A
(26)
These values are calculated leaving some available room for the input range with the peak value and minimizing
modulator distortions.
The current resolution value is equal to 4 times LSBIRMS:
Equation 27
IMIN= Vref
AI∙calI∙kint∙kS∙215 A
(27)
Example: current transformer case
STPM32, STPM33, STPM34
Application design and calibration
DS10272 - Rev 13
page 54/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com