Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 3 Page - STMicroelectronics

  STPM32 Datasheet HTML 1Page - STMicroelectronics STPM32 Datasheet HTML 2Page - STMicroelectronics STPM32 Datasheet HTML 3Page - STMicroelectronics STPM32 Datasheet HTML 4Page - STMicroelectronics STPM32 Datasheet HTML 5Page - STMicroelectronics STPM32 Datasheet HTML 6Page - STMicroelectronics STPM32 Datasheet HTML 7Page - STMicroelectronics STPM32 Datasheet HTML 8Page - STMicroelectronics STPM32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
Figure 2. STPM33 block diagram
IIP1
IIN1
VIP1
VIN1
2nd ordΣΔ
modulator
2nd ordΣΔ
modulator
PLNA
IIP2
IIN2
2nd ordΣΔ
modulator
PLNA
Decimation
Decimation
Decimation
Phase
Compensation
Phase
Compensation
Phase
Compensation
SPI/UART
OSC 16MHz
XTAL1 XTAL2
INT2
INT1
LED2
CLKOUT/
ZCR
EN
LED1
Filters
DSP
VCC
VDDA
VREF1
LDR 3.0V
VOLTAGE
REFERENCE
VRefC1
VRefV1
VREF2
VOLTAGE
REFERENCE
LDR 1.2V
VDDD
VRefC2
VRefV2
SCS MISO/
TXD
MOSI/
RXD
SCL SYN
Figure 3. STPM32 block diagram
IIP1
IIN1
VIP1
VIN1
2nd ordΣΔ
modulator
2nd ordΣΔ
modulator
PLNA
Decimation
Decimation
Phase
Compensation
Phase
Compensation
SPI/UART
OSC 16MHz
XTAL1 XTAL2
INT2
INT1
LED2
CLKOUT/
ZCR
EN
LED1
Filters
DSP
VCC
VDDA
VREF1
LDR 3.0V
VOLTAGE
REFERENCE
VRefC1
VRefV1
LDR 1.2V
VDDD
SCS MISO/
TXD
MOSI/
RXD
SCL SYN
STPM32, STPM33, STPM34
Schematic diagram
DS10272 - Rev 13
page 3/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com