Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 52Page - STMicroelectronics STPM32 Datasheet HTML 53Page - STMicroelectronics STPM32 Datasheet HTML 54Page - STMicroelectronics STPM32 Datasheet HTML 55Page - STMicroelectronics STPM32 Datasheet HTML 56Page - STMicroelectronics STPM32 Datasheet HTML 57Page - STMicroelectronics STPM32 Datasheet HTML 58Page - STMicroelectronics STPM32 Datasheet HTML 59Page - STMicroelectronics STPM32 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
LPWx
LED_PWM
CP [imp/kWh]
LED at PNom [Hz]
Pulse value [Ws]
1000
16
4000
1.28
900
1001
32
2000
0.64
1800
1010
64
1000
0.32
3600
1011
128
500
0.16
7200
1100
256
250
0.08
14400
1101
512
125
0.04
28800
1110
1024
62.5
0.02
57600
1111
2048
31.25
0.01
115200
The closer value to desired CP is given by setting LPWx divider to 1010.
Any tolerance producing small variation of CP from 1000 imp/kWh can be compensated by calibration: setting
CHV and CHC bits.
9.2
Application calibration
The meter has to be calibrated so to compensate external component tolerances and internal VREF possible drift.
After the calibration, a meter using the STPM3x can reach IEC class 0.2 accuracy, taking into account that the
component choice follows the rules explained above, and the layout and signal routing minimize the noise
capture.
9.2.1
Voltage and current calibration (CHVx, CHCx bits)
Thanks to the device internal architecture and linearity, all calculated values (RMS, energies and powers) can be
calibrated in a single point, just calibrating voltage and current streams.
For this purpose, a known nominal voltage VN and current IN must be applied to the meter under calibration.
Referring to Section 9.1 and Section 5, having R1 or kS calculated as stated in the previous section, the target
values of voltage and current RMS registers, XV and XI respectively are calculated as follows:
Table 36. Calibration target values
Parameter
Value
Voltage register value at VN
XV=VN∙AV∙calV∙215
Vref∙ 1+R1R2
Current register value at IN
XI=IN∙AI∙calI∙kint∙kS∙217
Vref
Note:
For the above calculation, the calculated value of the component kS or R1 (accordingto the chosen design
method) must be used; the difference of the real component is compensated by calibration as a tolerance.
To start calibration, the device has to be programmed with the proper gain and current sensor; moreover, to obtain
the greatest correction dynamic, calibrators are initially set in the middle of their range (0x800), thus obtaining a
calibration range of ± 12.5% per voltage or current channel.
After applying VN and current IN to the meter, a certain number of voltage and current RMS samples must be read
and averaged (please, refer to averaged register values as VAV and IAV) to calculate voltage and channel
calibrators as follows:
Table 37. Calibrator calculation
Parameter
Value
Calibrator value
CHV=14336∙ XVVAV−12288
CHC=14336∙ XIIAV−12288
STPM32, STPM33, STPM34
Application calibration
DS10272 - Rev 13
page 56/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com