Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 20Page - STMicroelectronics STPM32 Datasheet HTML 21Page - STMicroelectronics STPM32 Datasheet HTML 22Page - STMicroelectronics STPM32 Datasheet HTML 23Page - STMicroelectronics STPM32 Datasheet HTML 24Page - STMicroelectronics STPM32 Datasheet HTML 25Page - STMicroelectronics STPM32 Datasheet HTML 26Page - STMicroelectronics STPM32 Datasheet HTML 27Page - STMicroelectronics STPM32 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
Figure 27. Clock feed for multiple devices
CLKIN/XTAL2
XTAL1
CLKOUT/ZCR
CLKIN/XTAL2
XTAL1
CLKOUT/ZCR
15pF
15pF
1MΩ
CLKIN/XTAL2
XTAL1
CLKOUT/ZCR
8.2.4
Power-on-reset (POR) and enable (EN)
The STPM3x contains a power-on-reset (POR) circuit which delays the startup of the digital domain about 750 μs.
If VCC supply is less than 2.5 V the STPM3x goes to the inactive state, all functions are blocked asserting a reset
condition. This is useful to assure the correct device operation during the power-up and power-down.
POR sequence is illustrated in Figure 28: after the start of two LDOs and internal PowerOK signals are asserted,
the analog block first and the digital block after start the processing.
Figure 28. Power-on-reset sequence
VDDA
LDR 3.0V
LDR 1.2V
VDDD
PowerOK_3.0V
PowerOK_1.2V
EN
POR
16MHz Osc
XTAL2
XTAL1
VCC
OSC
CLKIN
The STPM3x also has an enable pin (EN) which works as follows:
•
EN is high: when the power is on and EN pin raises, the device is enabled and starts after POR procedure
as above described.
•
EN is low: when the power is on and EN pin has a transition high to low, the device is disabled. It stops and
the internal digital memory is deleted so a new initialization is needed when EN goes back to high.
After POR, to ensure a correct initialization, it is necessary to perform a reset of DSP and communication
peripherals through three SYN pulses (see Figure 29. Global startup reset) and a single SCS pulse, as shown in
the figure below. SCS pulse can be performed before or after SYN pulses, but minimum startup time before reset
(as indicated in Table 4) has to be respected.
STPM32, STPM33, STPM34
Functional description of the analog part
DS10272 - Rev 13
page 24/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com