Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 10Page - STMicroelectronics STPM32 Datasheet HTML 11Page - STMicroelectronics STPM32 Datasheet HTML 12Page - STMicroelectronics STPM32 Datasheet HTML 13Page - STMicroelectronics STPM32 Datasheet HTML 14Page - STMicroelectronics STPM32 Datasheet HTML 15Page - STMicroelectronics STPM32 Datasheet HTML 16Page - STMicroelectronics STPM32 Datasheet HTML 17Page - STMicroelectronics STPM32 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
5
Typical application example
Figure 11 below shows the reference schematic of an application with the following properties:
•
Constant pulses CP = 41600 imp/kWh
•
INOM = 5 A
•
IMAX = 90 A
Typical values for current sensor sensitivity are indicated in Table 6.
Please refer to Section 9 for more information about the application dimensioning and calibration
Figure 11. STPM34 application schematic
Vp1
Vcc
Vcc
Vp2
Ip1
Ip2
In2
line 2
Vcc
Vcc
Vre f2
Vre f1
RXD
TXD
Vre f1
S CS
Vre f2
In1
1 NC
2 MOSI
3 Gnd
4 MISO
5 SCS
6 SCL
7 NC
8 SYN
9 NC
10 Vcc
1 Int1
2 Int2
3 Led2
4 En/Rst
5 Led1
6 Gnd
7 Ckin
8 Ckout/ZCR
R4
1M
RS 1
BKW-M-R0003-5.0
R22
1K
R15
470R
C15 150p
R3
100R
C24
22n
R24
270K
C10 10n
U3
S TP M33/34
EN
8
INT2
7
INT1
6
LED2
5
LED1
4
XTAL1
3
CKin/XTAL2
2
CKout/ZCR
1
VCC
23
GNDre g
22
VDDA
21
GNDA
20
VREF1
17
GNDre f
18
VREF2
19
NC
24
Ex
Ex
C25
10n
J 8
N
1
R21
6R
R5
4.7K
C23
100u 10V
J 7
DC S upply
R10
10K
R13
270K
R7
10K
R12
270K
R17
1K
R20
1K
J 11
Vre f 1-2
R19
0R
C14 150p
DL2 LED2
R23
270K
J 4
Ena ble /RS T
1
1
2
2
3
3
C12 150p
R26
470R
C22
100n
DL1 LED1
C34
22n
C9
150p
C17
15p
C19
100n
J 9
L1
1
C8
100n
C16
15p
R6
4.7K
J 10
L2
1
R8
10K
Y1
16MHz
R25
270K
C33
10n
J 5
DIGITAL I/O
2
4
6
8
1
3
5
7
C11 150p
R18
1K
J 6
S P I
C13 150p
R2
22K
C20
4.7u
R14
270K
R9
10K
T2
VAC 4626-X002
STPM32, STPM33, STPM34
Typical application example
DS10272 - Rev 13
page 14/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com