Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM32 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPM32 Datasheet HTML 29Page - STMicroelectronics STPM32 Datasheet HTML 30Page - STMicroelectronics STPM32 Datasheet HTML 31Page - STMicroelectronics STPM32 Datasheet HTML 32Page - STMicroelectronics STPM32 Datasheet HTML 33Page - STMicroelectronics STPM32 Datasheet HTML 34Page - STMicroelectronics STPM32 Datasheet HTML 35Page - STMicroelectronics STPM32 Datasheet HTML 36Page - STMicroelectronics STPM32 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
Parameter
Voltage
Current Shunt
Current CT
Current RoCoil
Power LSB value
LSBP=Ppulse229∙DClk= Vref2∙ 1+R1R2
kint∙AV∙AI∙kS∙calV∙calI∙228 WLSB
Energy LSB value
LSBE=Ppulse218= Vref2∙ 1+R1R2
3600∙DClk∙kint∙AV∙AI∙kS∙calV∙calI∙217 WℎLSB
1. CHVx and CHCx calibrator bits introduce in the signal processing a correction factor of ±12.5% (with an attenuation from
0.75 to 1). In order to have the maximum available up/down correction range, by default calibrator values are in the middle
of their range (0x800) corresponding to an attenuation factor calV = calI = 0.875.
2. ƩΔ bitstream should be kept lower than 0.5 (50%) to minimize modulator distortions.
3. LED_PWM is the LED frequency divider that can be set through LPWx bits in DSP_CR1 and DSP_CR2 control registers for
primary and secondary current channels respectively. Default value is 1. Please refer to Table 35
For each power register, a configurable offset value (default = 0) can be added to the instantaneous power p(n)
through OFA[9:0], OFAF[9:0], OFR[9:0], OFAS[9:0]bits in this way:
Equation 4
p′n =pn + −1OFx9∙OFx8:0 ∙22
(4)
8.4.7
RMS calculation
RMS block calculates RMS values of current and voltage on each phase continuously every 128 μs, as soon as a
new sample is available from the ADC, according to the following formulas:
Equation 5
VRMS= 1T∫t0t0+Tv2tdt
(5)
Equation 6
IRMS= 1T∫t0t0+Ti2tdt
(6)
with T = 200 ms
RMS block architecture is shown in Figure 38
Figure 38. RMS block
/
LPF
1/2
LPF
xR
x2R
R2
R
R
-
x
RMS(x)
If the cut-off frequency of an LP filter is set much below the input signal spectrum, it can be considered as an
average operator. In this case and according to the figure, the first LP filter averages its input signal which is
produced by division and multiplication:
Equation 7
STPM32, STPM33, STPM34
Functional description of hardwired DSP
DS10272 - Rev 13
page 33/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com